công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT84072 bảng dữ liệu(PDF) 20 Page - Holtek Semiconductor Inc

tên linh kiện HT84072
Giải thích chi tiết về linh kiện  Magic VoiceTM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT84072 bảng dữ liệu(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT84072 Datasheet HTML 16Page - Holtek Semiconductor Inc HT84072 Datasheet HTML 17Page - Holtek Semiconductor Inc HT84072 Datasheet HTML 18Page - Holtek Semiconductor Inc HT84072 Datasheet HTML 19Page - Holtek Semiconductor Inc HT84072 Datasheet HTML 20Page - Holtek Semiconductor Inc HT84072 Datasheet HTML 21Page - Holtek Semiconductor Inc HT84072 Datasheet HTML 22Page - Holtek Semiconductor Inc HT84072 Datasheet HTML 23Page - Holtek Semiconductor Inc HT84072 Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
Output states declaration
Syntax:
OUTPUT STATES
;
OUTn
....
statename:
OutputMode ....
The possible output mode are listed and described on the following table. The maximum number of
output state are 256.
Output Mode
Description
X
Set OUTn to input mode with pull-high resistor
H
Set the output pins to logic high
L
Set the output pins to logic low
P+
Send a (+) pulse train to output pins
P-
Send a (-) pulse train to output pins
SP+
Send a plus single pulse to output pins
SP-
Send a minus single pulse to output pins
Example:
OUTPUT STATES
; output states declaration
;
OUT1
OUT2
SirenOn:
P+
L
where ²SirenOn² denotes the output statename. Executing ²SirenOn² in the path command will send
a positive pulse train to PB0 and send a logic low to PB1.
Path command definition
Syntax:
PATHS
pathname: path command ....
The pathname is defined according to the user¢s desire. The elements of the path command are listed
and described on the following table. Each path equation consists of many path commands and each
command is separated by one or more space. In order to increase the program readability if the path
commands exceed the screen display you can break the path command to the next line and put the
symbol ²&² in front of the new line.
HT84XXX
20
April 26, 2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com