công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT82K68E bảng dữ liệu(PDF) 33 Page - Holtek Semiconductor Inc

tên linh kiện HT82K68E
Giải thích chi tiết về linh kiện  Multimedia Keyboard Encoder OTP
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K68E bảng dữ liệu(HTML) 33 Page - Holtek Semiconductor Inc

Back Button HT82K68E Datasheet HTML 29Page - Holtek Semiconductor Inc HT82K68E Datasheet HTML 30Page - Holtek Semiconductor Inc HT82K68E Datasheet HTML 31Page - Holtek Semiconductor Inc HT82K68E Datasheet HTML 32Page - Holtek Semiconductor Inc HT82K68E Datasheet HTML 33Page - Holtek Semiconductor Inc HT82K68E Datasheet HTML 34Page - Holtek Semiconductor Inc HT82K68E Datasheet HTML 35Page - Holtek Semiconductor Inc HT82K68E Datasheet HTML 36Page - Holtek Semiconductor Inc HT82K68E Datasheet HTML 37Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
RRA [m]
Rotate right-place result in the accumulator
Description
Data in the specified data memory is rotated 1 bit right with bit 0 rotated
into bit 7, leaving the rotated result in the accumulator. The contents of the
data memory remain unchanged.
Operation
ACC.(i) ¬ [m].(i+1); [m].i:bit i of the data memory (i=0~6)
ACC.7 ¬ [m].0
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾¾¾¾¾¾
RRC [m]
Rotate data memory right through carry
Description
The contents of the specified data memory and the carry flag are together ro-
tated 1 bit right. Bit 0 replaces the carry bit; the original carry flag is rotated
into the bit 7 position.
Operation
[m].i ¬ [m].(i+1); [m].i:bit i of the data memory (i=0~6)
[m].7 ¬ C
C ¬ [m].0
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾¾¾¾¾
Ö
RRCA [m]
Rotate right through carry - place result in the accumulator
Description
Data of the specified data memory and the carry flag are rotated 1 bit right.
Bit 0 replaces the carry bit and the original carry flag is rotated into the bit 7
position. The rotated result is stored in the accumulator. The contents of the
data memory remain unchanged.
Operation
ACC.i ¬ [m].(i+1); [m].i:bit i of the data memory (i=0~6)
ACC.7 ¬ C
C ¬ [m].0
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾¾¾¾¾
Ö
HT82K68E
33
August 8, 2000
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com