| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT817D0 bảng dữ liệu(PDF) 7 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT817D0 bảng dữ liệu(HTML) 7 Page - Holtek Semiconductor Inc |
|
7 / 15 page ![]() HT817D0 7 March 15, 2000 · KEY1 as a direct key Each key is mapped to a group in the function table. If a key is not used, the group mapped to that key is a piece of silence. The following is an example of the function ta- ble: Group 1 sec.1 + sec.2 + sec.3 + sec.5 Group 2 sec.3 Group 3 sec.2 + sec.2 + sec.3 + sec.4 Group 4 sec.5 + sec.3 As illustrated in the above table, voice ROM is composed of 5 sections and the function table of 11 sections. If KEY1 is momentarily trig- gered, section 1, section 2, section 3 and sec- tion 5 are played in sequence and then stopped. Triggering KEY2 plays section 3, and so forth. · KEY1 as a sequential or random key When KEY1 is optioned as a sequential or ran- dom key, it can include multiple groups (sub-groups) in the function table. However, the remaining 11 keys (KEY2~KEY12) are used as direct keys exclusively and comprise only one group in the function table. An example is shown below: Group 1-1 sec.4 + sec.2 Group 1-2 sec.1 + sec.3 : : : : Group 1-N sec.2 + sec.3 Group 2 sec.2 + sec.3 Group 3 sec.3 + sec.5 Group 4 sec.1 + sec.5 + sec.2 As indicated in the above table, KEY1 can be made up of sub-groups. Each time KEY1 is triggered, the corresponding sub-groups are played in sequence. ¨ The playing sequence of sequential KEY1 is: Group 1-1 ® Group 1-2 ® Group 1-3 ..... ® Group 1-N (the last group) ®Group 1-1 ..... ¨ The playing sequence of random KEY1 is: Group 1-3 ® Group 1-5 ..... ® Group 1-N ® Group 1-3 ® Group 1-5 ..... That KEY1 functions as a random key is a special case of sequential key, which com- bines a particular arrangement of sub-group playing sequence. G rou p 1 - 1 G rou p 1 - 2 G rou p 1 - N G rou p ( 2 ~ 1 2) G rou p 1 - 1 KE Y1 KE Y2 ~ KEY 1 2 AU D Figure1 Reset of KEY1 playing sequence G rou p 1 - N N p u l s e G rou p 1- M M p u l s e KE Y1 KE Y2 ~ KEY 1 2 ( S i l enc e) AU D Figure 2 KEY1 sub-group selection |