| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SJS816101 bảng dữ liệu(PDF) 4 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
SJS816101 bảng dữ liệu(HTML) 4 Page - Amphenol Corporation |
|
4 / 5 page ![]() Product Customization Amphenol PCD welcomes inquiries for application-specific modifications to the standard Luminus Series connectors. This environmentally-sealed series is continuously expanding to meet current and future customer needs. Application-specific customization include: High Power Electronic Packaging Increased Channel Sizes Varied Wire Gauges Custom Colors Unique Markings Alternate Contacts Distinct Configurations Alternative Alterations Other Products from Amphenol PCD Backshells for Circular Connectors QPL certified to AS85049 standard Complete range of products Short lead-time SIMPLUS Standard and custom configurations Easy to install Interchangeable modules Polarized (A, B, C, D, N) www.luminuspcd.com email: info@luminuspcd.com 978-624-3400 Amphenol PCD Junction Modules Meet MIL-T-81714 Multiple configurations Environmentally-Sealed Shell Sizes: determined by the overall diameter (O.D.) of the receptacle in 16ths of an inch. Example: SJS830100/SJS830200 O.D. of receptacle SJS830200 at mating interface is 0.448.” Shell Size = (O.D.”)/(1/16”) =(0.448”)/(1/16”) =7.168 =7 Round the closest whole number to designate the mated pair as Shell Size 7. O.D.= 0.448” SJS830200 REV DEC 2011 Splices developed to MIL-T-81714 Single and Multi-Contact Inline wire Contact size available: 16, 20, 22 Designed to meet 1119 to NSA specifications Electronic Component Splices: diodes, fuses, capacitors, and resistors available Mil-T-81714 Wire Splices Shell Size Designation CONNECTING PEOPLE + TECHNOLOGY Amphenol PCD Headquarters 72 Cherry Hill Drive Beverly, MA 01915 USA info@luminuspcd.com 978-624-3400 |