| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT644L bảng dữ liệu(PDF) 2 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT644L bảng dữ liệu(HTML) 2 Page - Holtek Semiconductor Inc |
|
2 / 14 page ![]() Function Address No. Data VT Oscillator Trigger Package Item No. Type HT612 12 2 M √ RC oscillator DIN active “Hi” 20 DIP/20 SOP HT614 10 4 M √ RC oscillator DIN active “Hi” 20 DIP/20 SOP HT615 9 5 M √ RC oscillator DIN active “Hi” 20 DIP/20 SOP HT644L 14 4 L √ RC oscillator DIN active “Hi” 24 SOP/24 SDIP HT646L 12 6 L √ RC oscillator DIN active “Hi” 24 SOP/24 SDIP HT648L 10 8 L √ RC oscillator DIN active “Hi” 24 SOP/24 SDIP HT651 18 0 — √ RC oscillator DIN active “Hi” 24 SOP/24 SDIP HT654 14 4 M √ RC oscillator DIN active “Hi” 24 SOP/24 SDIP HT656 12 6 M √ RC oscillator DIN active “Hi” 24 SOP/24 SDIP HT658 10 8 M √ RC oscillator DIN active “Hi” 24 SOP/24 SDIP HT682L 10 2 L √ RC oscillator DIN active “Hi” 18 DIP HT683L 9 3 L √ RC oscillator DIN active “Hi” 18 DIP HT684L 8 4 L √ RC oscillator DIN active “Hi” 18 DIP HT691 12 0 — √ RC oscillator DIN active “Hi” 18 DIP HT692 10 2 M √ RC oscillator DIN active “Hi” 18 DIP HT693 9 3 M √ RC oscillator DIN active “Hi” 18 DIP HT694 8 4 M √ RC oscillator DIN active “Hi” 18 DIP Note: Data type: M represents momentary type of data output. L represents latch type of data output. VT can be used as a momentary data output. 3 18 Series of Decoders 2 2nd Oct ’97 |