| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SJS831101 bảng dữ liệu(PDF) 1 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
SJS831101 bảng dữ liệu(HTML) 1 Page - Amphenol Corporation |
|
1 / 5 page ![]() More Configurations More Colors More Accessories More Choices Added Value... Benefits at a Glance MIL-T-81714 Developed to meet MIL-T-81714 requirements. Quick, Simple Connection Makes wire installation and maintenance easy and efficient. Interfacial and Triple-Barrier Seal Enables environmental sealing. AS39029 Contacts Accepts standard AS39029 contacts (formerly MIL-C-39029); (Stamp and Form contacts coming soon…) Durability Rugged polyamide housings; 100 mating cycles. Blind-Mate Connection Polarization feature enables simple, blind mating. Multiple Keying Positions Ensures proper connectivity. Multiple Configurations and Accessories Flexible product options. (Actual Size of 8-Pin, Size 22) Other High Performance Products Contact us for more information. Quick Mount Relay Sockets Quick and easy installation No hardware; Reduces FOD Lightweight High Performance P-Clamps PEEK polymer Non-corrosive Non-conductive Overmolded silicone cushions Lightweight The Luminus Series are small, cost-effective connectors that are highly reliable and sim- ple to use. With multiple product options to choose from, they meet MIL-T-81714, accept AS39029 contacts, and are environmentally-sealed. Ideal for where space is limited, these innovative connectors feature a locking mechanism that ensures stability, and are suitable for blind-mating. New from Amphenol PCD - Luminus Series connectors www.luminuspcd.com email: info@luminuspcd.com 978-624-3400 Amphenol PCD Small. Powerful. Connector. |
Số phần tương tự - SJS831101 |
|
Mô tả tương tự - SJS831101 |