| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC3SF21YVZBF bảng dữ liệu(PDF) 13 Page - Sharp Corporation |
|
|
|||||||||||||||||||||||||||||
PC3SF21YVZBF bảng dữ liệu(HTML) 13 Page - Sharp Corporation |
|
13 / 15 page ![]() 13 ● Tape and Reel package 1. SMT Gullwing Package materials Carrier tape : A-PET (with anti-static material) Cover tape : PET (three layer system) Reel : PS Carrier tape structure and Dimensions F K E I D J G Dimensions List (Unit:mm) A 16.0±0.3 B 7.5±0.1 C 1.75±0.1 D 12.0±0.1 E 2.0±0.1 H 10.4±0.1 I 0.4±0.05 J 4.2±0.1 K 7.8±0.1 F 4.0±0.1 G φ1.5+0.1 −0 a e g f b d Dimensions List (Unit : mm) a 330 b 17.5±1.5 c 100±1.0 d 13±0.5 e 23±1.0 f 2.0±0.5 g 2.0±0.5 Pull-out direction [Packing : 1 000pcs/reel] Reel structure and Dimensions Direction of product insertion PC3SF21YVZ Series Sheet No.: D2-A08101EN |