| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT47C20L bảng dữ liệu(PDF) 40 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT47C20L bảng dữ liệu(HTML) 40 Page - Holtek Semiconductor Inc |
|
40 / 55 page ![]() CALL addr Subroutine call Description The instruction unconditionally calls a subroutine located at the indi- cated address. The program counter increments once to obtain the ad- dress of the next instruction, and pushes this onto the stack. The indicated address is then loaded. Program execution continues with the instruction at this address. Operation Stack ¬ PC+1 PC ¬ addr Affected flag(s) TC2 TC1 TO PD OV Z AC C ¾ ¾ ¾¾¾¾¾¾ CLR [m] Clear data memory Description The contents of the specified data memory are cleared to zero. Operation [m] ¬ 00H Affected flag(s) TC2 TC1 TO PD OV Z AC C ¾ ¾ ¾¾¾¾¾¾ CLR [m].i Clear bit of data memory Description The bit i of the specified data memory is cleared to zero. Operation [m].i ¬ 0 Affected flag(s) TC2 TC1 TO PD OV Z AC C ¾ ¾ ¾¾¾¾¾¾ CLR WDT Clear watchdog timer Description The WDT is cleared. The power down bit (PD) and time-out bit (TO) are cleared. Operation WDT last two bits ¬ 00H PD and TO ¬ 0 Affected flag(s) TC2 TC1 TO PD OV Z AC C ¾¾ 00 ¾¾¾¾ HT47C20L 40 January 18, 2000 |