| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PD55008S bảng dữ liệu(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PD55008S bảng dữ liệu(HTML) 5 Page - STMicroelectronics |
|
5 / 18 page ![]() 5/18 PD55008 - PD55008S TYPICAL PERFORMANCE (PD55008) Output Power vs. Supply Voltage 9 10 11 1213 1415 VDD, SUPPLY VOLTAGE (V) 3 4 5 6 7 8 9 10 11 12 13 Idq= 150 mA Pin= 21.7 dBm 480 MHz 500 MHz 520 MHz Drain Efficiency vs. Supply Voltage 9 10 111213 14 15 VDD, SUPPLY VOLTAGE (V) 20 30 40 50 60 70 Idq= 150 mA Pin= 21.7 dBm 480 MHz 500 MHz 520 MHz Output Power vs. Gate-Source Voltage 01 2 3 4 VGS, GATE-SOURCE VOLTAGE (V) 0 2 4 6 8 10 12 VDD = 12.5 V Pin= 21.7 dBm 480 MHz 500 MHz 520 MHz Output Power vs. Input Power 0 0.1 0.2 0.3 0.4 0.5 0.6 Input Power (W) 0 2 4 6 8 10 900 MHz 850 MHz 800 MHz Vdd = 12.5V Idq = 250mA Drain Efficiency vs. Output Power 1 2 34 56789 Output Power (W) 10 20 30 40 50 60 900 MHz 850 MHz 800 MHz Vdd = 12.5V Idq = 250mA Input Return Loss vs. Output Power 0 1 23 456 789 Output Power (W ) -30 -25 -20 -15 -10 -5 0 800 MHz 900 MHz 850 MHz Vdd = 12.5V Idq = 250mA |