| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LPMS-S8-C bảng dữ liệu(PDF) 1 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
LPMS-S8-C bảng dữ liệu(HTML) 1 Page - PANDUIT CORP. |
|
1 / 2 page ![]() *Order Number of Pieces Required in Multiples of Packaging Quantities. ** Cable Tie Cross Section Sizes: M = Miniature, I = Intermediate, S = Standard, LH = Light Heavy, H = Heavy and HLT denotes TAK-TY ™ Hook & Loop Cable Ties. Part Number Used With Cable Ties** Dimensions Inches (mm) Material Color Where Used Mounting Method Packaging* A B C Std. Pkg. Qty. Std. Ctn. Qty. Bulk Pkg. Qty. Bulk Ctn. Qty. TM1S4-C M .513 (13.0) .316 (8.0) .230 (5.8) Nylon Natural Indoors #4 (M2.5) Screw 100 500 1000 5000 TM1S6-C M .513 (13.0) .316 (8.0) .230 (5.8) Indoors #6 (M3) Screw 100 500 1000 5000 TM2S8-C M, I, S .630 (16) .425 (10.8) .275 (7.0) Indoors #6 (M3) Screw 100 500 1000 5000 TM3S10-C M, I, S, LH .875 (22.2) .620 (15.8) .375 (9.5) Indoors #10 (M5) Screw 100 500 1000 5000 TMEH-S8-Q0 EH, HLT 1.65 (42) .74 (19) .61 (15) Weather Resistant Nylon Black Outdoors #8 (M4) Screw 25 250 100 500 TMEH-S10-Q0 EH, HLT 1.65 (42) .74 (19) .61 (15) Outdoors #10 (M5) Screw 25 250 100 500 TMEH-S25-Q0 EH, HLT 1.65 (42) .74 (19) .61 (15) Outdoors 1/4" (M6) Screw 25 250 100 500 *Order Number of Pieces Required in Multiples of Packaging Quantities. ** Cable Tie Cross Section Sizes: M = Miniature, I = Intermediate, S = Standard, LH = Light Heavy, H = Heavy and HLM denotes TAK-TY ™ Hook & Loop Cable Ties. Part Number Used With Cable Ties** Dimensions Inches (mm) Material Color Where Used Adhesive Type/Static Load lbs. (g) Packaging* A B C Std. Pkg. Qty. Std. Ctn. Qty. Bulk Pkg. Qty. Bulk Ctn. Qty. ABM1M-A-C M .50 (12.7) .50 (12.7) .16 (4.0) Nylon White Indoors Rubber .13 (59) 100 500 1000 5000 ABM1M-AT-C M .50 (12.7) .50 (12.7) .16 (4.0) Nylon White Indoors/ High Temp. Acrylic .13 (59) 100 500 1000 5000 ABMM-A-C M, I .75 (19.1) .75 (19.1) .18 (4.6) ABS White Indoors Rubber .30 (136) 100 500 500 5000 ABMM-AT-C M, I .75 (19.1) .75 (19.1) .18 (4.6) ABS White Indoors/ High Temp. Acrylic .30 (136) 100 500 500 5000 ABMM-AT-C0 M, I .75 (19.1) .75 (19.1) .18 (4.6) ABS Black Outdoors/ High Temp. Acrylic .30 (136) 100 500 500 5000 ABM2S-A-C M, I, S 1.00 (25.4) 1.00 (25.4) .20 (5.1) ABS White Indoors Rubber .50 (227) 100 500 500 5000 ABM2S-AT-C M, I, S 1.00 (25.4) 1.00 (25.4) .20 (5.1) ABS White Indoors/ High Temp. Acrylic .50 (227) 100 500 500 5000 ABM100-A-C M, I, S 1.00 (25.4) 1.00 (25.4) .24 (6.1) Nylon White Indoors Rubber .50 (227) 100 500 500 5000 ABM100-AT-C0 M, I, S 1.00 (25.4) 1.00 (25.4) .24 (6.1) Nylon Black Outdoors/ High Temp. Acrylic .50 (227) 100 500 500 5000 ABM112-A-C M, I, S 1.12 (28.6) 1.12 (28.6) .16 (4.2) Nylon White Indoors Rubber .63 (286) 100 500 500 5000 ABM112-AT-C M, I, S 1.12 (28.6) 1.12 (28.6) .16 (4.2) Nylon White Indoors/ High Temp. Acrylic .63 (286) 100 1000 500 5000 ABM112-AT-C0 M, I, S 1.12 (28.6) 1.12 (28.6) .16 (4.2) Nylon Black Outdoors/ High Temp. Acrylic .63 (286) 100 1000 500 5000 ABM3H-A-L M, I, S LH, H, HLM 1.50 (38.1) 1.50 (38.1) .25 (6.4) Nylon White Indoors Rubber 1.12 (508) 50 500 200 1000 ABM3H-AT-L M, I, S LH, H, HLM 1.50 (38.1) 1.50 (38.1) .25 (6.4) Nylon White Indoors/ High Temp. Acrylic 1.12 (508) 50 500 200 1000 ABM4H-A-L M, I, S LH, H, HLM 2.00 (50.8) 2.00 (50.8) .25 (6.4) Nylon White Indoors Rubber 1.12 (508) 50 500 200 1000 ABM4H-AT-L M, I, S LH, H, HLM 2.00 (50.8) 2.00 (50.8) .25 (6.4) Nylon White Indoors/ High Temp. Acrylic 1.12 (508) 50 500 200 1000 ABM1M-A ABM1M-AT ABM3H ABM4H Easy Selection Guide For Adhesive Backed Cable Tie Mounts ABM100 ABM112 Tie Mounts Mechanically Applied ABM2S ABMM-A ABMM-AT TM TMEH Panduit Corp. 17301 Ridgeland Avenue Tinley Park, IL 60477-3091 Phone: 888-506-5400 Ext. 7346 Fax: 770-781-9076 Email: info@panduit.com Website: www.panduit.com |
Số phần tương tự - LPMS-S8-C |
|
Mô tả tương tự - LPMS-S8-C |