| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT1608L bảng dữ liệu(PDF) 8 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT1608L bảng dữ liệu(HTML) 8 Page - Holtek Semiconductor Inc |
|
8 / 12 page ![]() Functional Description Both channel 1 and 2 used as segment drivers (MODE=L) When both channel 1 and 2 of the HT1608L are used as segment drivers, they will shift data on the falling edge of CLK2 and shift latch data on the falling edge of CLK1. V3 and V5 or V4 and V6 are shortened in the application circuit as shown in the following figure. Both channel 1 and 2 used as common drivers (MODE=L) When both channel 1 and 2 of the HT1608L are used as common drivers, the MODE is set low and the signals (CLK1, CLK2, FRAME) from the controller are connected as shown in the following figure. HT1608L 8 27th Aug ’98 |