| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT1380 bảng dữ liệu(PDF) 9 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT1380 bảng dữ liệu(HTML) 9 Page - Holtek Semiconductor Inc |
|
9 / 10 page ![]() Timing Diagrams Read data transfer Write data transfer Application Circuits HT1380/HT1381 9 October 2, 1999 CDH t CO M M A N D B Y T E CC t CDZ t DC t CDD t SC L K I/O 0 7 7 0 O U T P U T D AT A BYT E RE S T H T 1380/ H T 1381 m p In te rfa c e SC L K I/O RE S T X1 X2 VS S 3276 8H z *C 1 *C 2 V DD *Note: The value of the capacity depends on how accurate the crystal is. Refer to the suggestion table of page 7. CL t CH t CC t ft rt CCH t CW H t CDH t CO M M A N D B Y T E DC t SC L K I/O 0 7 7 0 I N P U T D A TA B Y T E RE S T |