công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT113RA bảng dữ liệu(PDF) 3 Page - Holtek Semiconductor Inc

tên linh kiện HT113RA
Giải thích chi tiết về linh kiện  Poker and Black Jack LCD Game
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT113RA bảng dữ liệu(HTML) 3 Page - Holtek Semiconductor Inc

  HT113RA Datasheet HTML 1Page - Holtek Semiconductor Inc HT113RA Datasheet HTML 2Page - Holtek Semiconductor Inc HT113RA Datasheet HTML 3Page - Holtek Semiconductor Inc HT113RA Datasheet HTML 4Page - Holtek Semiconductor Inc HT113RA Datasheet HTML 5Page - Holtek Semiconductor Inc HT113RA Datasheet HTML 6Page - Holtek Semiconductor Inc HT113RA Datasheet HTML 7Page - Holtek Semiconductor Inc HT113RA Datasheet HTML 8Page - Holtek Semiconductor Inc HT113RA Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
* DOUBLE
After winning, the player can press this key
to decide that the game is a greater-than-7
or a less-than-7 card value guessing game.
Meanwhile, the bets are either gained or
lost doubly.
♦ TAKE
When winning, pressing this key obtains
the score.
• BLACK JACK GAME
♦ DEAL
This key is pressed to deal the cards.
♦ STAND
When this key is pressed, no more cards are
dealt.
♦ INSURANCE
This key is pressed to select INSURANCE.
♦ DOUBLE
This key is pressed to select DOUBLE.
♦ SPLIT
This key is pressed to select SPLIT.
Operational description
• Right after the batteries are installed, the
system goes into the DEMO mode. The de-
fault game is BLACK JACK. By pressing the
START key, the game begins. And the money
to gamble with amounts to 2000 units. How-
ever, if activity has been suspended for more
than 2 minutes, power is automatically
turned off. To turn on the power, press the
ON/OFF key. The player can resume playing.
The mode remains the same as that before the
power was turned off. In other words, if the
power is turned off in the DEMO mode, this
mode is on the screen after the power is
turned on.
• POKER and BLACK JACK have the same
betting strategies. First, the money to gamble
with is displayed and the symbol $ flashes on
the screen. Then, by pressing BET_U (KEY5)
or BET_D (KEY4), the previous bets are
shown. The bet is incremented by 1 whenever
the BET_U (KEY5) key is pressed. On the
other hand, the bet is decremented by 1 when-
ever the BET_D (KEY4) is pressed. After the
bets have been made, press the DEAL key to
start dealing the cards. However, if the player
fails to press the BET_U or BET_D key, press-
ing the DEAL key restores the bet to the
previous one. The bet is pre-set to 1 if it is the
first time to lay the bet.
• BLACK JACK
♦ BLACK JACK is one of the most common
games in casinos. The rules for this game are
quite easy. The player wins as long as his/her
total score is greater than the dealer’s. How-
ever, the player loses the game when his/her
total score is over 21.
♦ The values of the cards 2~10 are scored
according to their corresponding face val-
ues. As for the cards J, Q, K, their values are
all scored as 10. Finally, the value of the
ACE card can be scored either as 1 or 11
depending on the player’s preference.
♦ After the bets are made, the dealer and
player are dealt two cards each on the first
deal. The dealer’s first card is covered. So,
the player can only see the dealer’s second
card. The following explains three condi-
tions which may then appear:
–
DOUBLE
When the total value of the player’s two
cards amounts to 11, (s)he may lay the bet
on one-more-card-dealt-only. However, the
player should lay the bet two times larger
than his/her present one. Such a bet is for
the player’s advantage, since (s)he is quite
likely to get the full score of 21 and win the
BLACK JACK game by holding a score of
11. As long as the total value of his/her
three cards is greater than that of the
dealer’s, the player wins the game and
gains the bet two times larger than
his/hers.
HT113RA
3
2nd Dec ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com