| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ELJRF36NFB bảng dữ liệu(PDF) 2 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ELJRF36NFB bảng dữ liệu(HTML) 2 Page - Panasonic Semiconductor |
|
2 / 8 page ![]() Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Fixed Inductors (Chip Inductors) 0.2±0.1 0.2±0.1 1.0±0.05 0.5±0.05 1.5 to 1.7 0.5 to 0.6 ■ RF Type 1005 (0402) ● Dimensions in mm (not to scale) ● Recommended Land Pattern in mm (not to scale) Part No. Inductance Q SRF ✽1 (MHz) min. RDC ✽2 ( Ω) max. DC Current (mA) max. (nH) Tolerance (%) Test Freq. (MHz) min. Test Freq. (MHz) ELJRF1N0 □FB 1.0 D : ±0.3 nH Z : ±0.2 nH 100 8 100 6000 0.05 400 ELJRF1N2 □FB 1.2 6000 0.06 400 ELJRF1N5 □FB 1.5 6000 0.07 400 ELJRF1N8 □FB 1.8 6000 0.08 400 ELJRF2N2 □FB 2.2 6000 0.09 400 ELJRF2N7 □FB 2.7 5500 0.10 400 ELJRF3N3 □FB 3.3 5500 0.12 400 ELJRF3N9 □FB 3.9 5200 0.15 360 ELJRF4N7 □FB 4.7 4800 0.17 360 ELJRF5N6 □FB 5.6 4600 0.19 340 ELJRF6N8 □FB 6.8 J : ±5 % 4000 0.30 320 ELJRF8N2 □FB 8.2 3500 0.35 320 ELJRF10N □FB 10 G : ±2 % 2800 0.41 320 ELJRF12N □FB 12 2800 0.45 320 ELJRF15N □FB 15 2500 0.60 240 ELJRF18N □FB 18 2200 0.70 240 ELJRF22N □FB 22 2000 0.80 200 ELJRF27N □FB 27 1800 1.20 200 ELJRF33N □FB 33 1800 1.40 170 ELJRF39N □FB 39 1800 1.70 150 ELJRF47N □FB 47 1800 2.10 140 ELJRF56N □FB 56 1500 2.50 130 ELJRF68N □FB 68 1500 4.00 120 ELJRF82N □FB 82 1400 4.50 110 ELJRFR10 □FB 100 1200 5.50 90 Part No. Inductance Q SRF ✽1 (MHz) min. RDC ✽2 ( Ω) max. DC Current (mA) max. (nH) Tolerance (%) Test Freq. (MHz) min. Test Freq. (MHz) ELJRF2N0 □FB 2.0 D : ±0.3 nH Z : ±0.2 nH 100 8 100 6000 0.08 400 ELJRF2N4 □FB 2.4 6000 0.09 400 ELJRF3N0 □FB 3.0 5500 0.11 400 ELJRF3N6 □FB 3.6 5300 0.14 380 ELJRF4N3 □FB 4.3 5000 0.16 360 ELJRF5N1 □FB 5.1 4700 0.18 350 ELJRF6N2 □FB 6.2 4300 0.25 330 ELJRF7N5 □FB 7.5 J : ±5 % 3700 0.33 320 ELJRF9N1 □FB 9.1 3100 0.38 320 ELJRF11N □FB 11 G : ±2 % 2800 0.43 320 ELJRF13N □FB 13 2600 0.53 280 ELJRF16N □FB 16 2300 0.65 240 ELJRF20N □FB 20 2100 0.75 220 ELJRF24N □FB 24 1900 1.00 200 ELJRF30N □FB 30 1800 1.30 190 ELJRF36N □FB 36 1800 1.60 160 ELJRF43N □FB 43 1800 1.90 150 ■ Standard Parts (E24 series) ■ Standard Parts (E12 series) □ : Symbol of Tolerance ✽1 : Self Resonant Frequency ✽2 : DC Resistance ✽1 : Self Resonant Frequency ✽2 : DC Resistance □ : Symbol of Tolerance ■ Standard Packing Quantity ● 10000 pcs./Reel Nov. 2013 02 3 |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |