| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LBR2012T2R2M bảng dữ liệu(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc |
|
|
|||||||||||||||||||||||||||||
LBR2012T2R2M bảng dữ liệu(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc |
|
2 / 13 page ![]() 80 12 wound01_e-02 ■ FEATURES ■ ORDERING CODE ■ EXTERNAL DIMENSIONS/STANDARD QUANTITY ■ AVAILABLE INDUCTANCE RANGE ■ APPLICATIONS ■ OPERATING TEMP. *This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification. For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs. Surface Mounting ・ Mounting and soldering con- ditions should be checked beforehand. ・ Applicable soldering process to those products is reflow soldering only. ・ Recommended Land Patterns EXTERNAL DIMENSIONS LB-series are Wound Chip Inductors having wide line-up, which are suitable for any circuit designs. ◦LBC series has large rated current. They contribute to the miniatur- ization of the power supply circuit. ◦LBR series has low DC resistance. They contribute to the miniaturiza- tion of the power supply circuit. ◦LBMF series has a low loss characteristic. ◦They are suitable for an anti-noise measure on the power supply circuit of DSC, DVC, HDD, LCD-TV, mobile phones,PC, game equipments, various communication equipments and etc.. ◦- 40 ~ 105℃(Including-self-generated heat) WIRE-WOUND CHIP INDUCTORS (LB SERIES) L B △ 2 0 1 2 T 1 0 0 △ △ △ △ △ ❶ ❷ ❸ ❹ ❺ ❻ ❼ ❽ Type L W T e Standard Quantity [pcs] Paper Tape Embossed Tape LB1608 1.6±0.1 (0.063±0.004) 0.8±0.1 (0.031±0.004) 0.8±0.1 (0.031±0.004) 0.35±0.15 (0.014±0.006) 4000 - LBMF1608 1.6±0.2 (0.063±0.008) 0.8±0.2 (0.031±0.008) 0.8±0.2 (0.031±0.008) 0.45±0.15 (0.016±0.006) - 3000 LB2012 LBC2012 LBR2012 2.0±0.2 (0.079±0.008) 1.25±0.2 (0.049±0.008) 1.25±0.2 (0.049±0.008) 0.5±0.2 (0.020±0.008) - 3000 LB2016 LBC2016 2.0±0.2 (0.079±0.008) 1.6±0.2 (0.063±0.008) 1.6±0.2 (0.063±0.008) 0.5±0.2 (0.020±0.008) - 2000 LB2518 LBC2518 LBR2518 2.5±0.2 (0.098±0.008) 1.8±0.2 (0.071±0.008) 1.8±0.2 (0.071±0.008) 0.5±0.2 (0.020±0.008) - 2000 LB3218 3.2±0.2 (0.128±0.008) 1.8±0.2 (0.071±0.008) 1.8±0.2 (0.071±0.008) 0.6±0.2 (0.024±0.008) - 2000 LBC3225 3.2±0.2 (0.128±0.008) 2.5±0.2 (0.098±0.008) 2.5±0.2 (0.098±0.008) 0.6±0.3 (0.024±0.012) - 1000 Unit:mm(inch) ❶Type LB Wound chip inductor ❽Internal code ❼Special code △ Standard products R Low Rdc type ❸External Dimensions 〔mm〕 1608(0603) 1.6×0.8 2012(0805) 2.0×1.25 2016(0806) 2.0×1.6 2518(1007) 2.5×1.8 3218(1207) 3.2×1.8 3225(1210) 3.2×2.5 ❺Nominal Inductance〔μH〕 example 1R0 1 100 10 101 100 ※R=decimal point ❷Shape △ Standard products C High current R Low Rdc MF Low loss ❻Inductance Tolerances〔%〕 K ±10 M ±20 ❹Packaging T Tape & Reel Unit:mm TYPE A B C 1608 0.55 0.7 0.9 MF1608 0.55 0.7 1.0 2012 0.60 1.0 1.45 2016 0.60 1.0 1.8 2518 0.60 1.5 2.0 3218 0.85 1.7 2.0 3225 0.85 1.7 2.7 A A C B REFLOW Range Type LB1608 LBMF1608 LB2012 LBC2012 LBR2012 LB2016 LBC2016 LB2518 LBC2518 LBR2518 LB3218 LBC3225 1 Imax.[mA] Rdc±30%[Ω] Imax.[mA] Rdc±30%[Ω] Imax.[mA] Rdc±30%[Ω] Imax.[mA] Rdc±30%[Ω] Imax.[mA] Rdc±30%[Ω] Imax.[mA] Rdc±30%[Ω] Imax.[mA] Rdc±30%[Ω] Imax.[mA] Rdc±30%[Ω] Imax.[mA] Rdc±30%[Ω] Imax.[mA] Rdc±30%[Ω] Imax.[mA] Rdc±30%[Ω] Imax.[mA] Rdc±30%[Ω] 160 1μH 0.17 230 1μH 0.09 405 1μH 0.15 620 1μH 0.19 400 1μH 0.07 490 1μH 0.09 690 1μH 0.1 665 1μH 0.06 775 1μH 0.08 960 1μH 0.045 1075 1μH 0.06 1100 1μH 0.055 10 70 0.55 80 0.36 120 0.7 200 1.2 150 0.36 155 0.5 245 0.82 165 0.25 375 0.36 235 0.19 340 0.25 540 0.133 60 0.7 100 10μH 35 2.5 45 7.0 90 5.8 50 4.0 40 4.5 75 8.0 60 2.1 125 3.70 80 1.89 140 2.40 150 1.4 47μH 47μH 1000 100μH 100μH 100μH 100μH 15 24 45 28.0 100μH 39 27 100μH 680μH 1000μH 1000μH |