| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SCB1W bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SCB1W bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 2 page ![]() Small Multipurpose Boxes Page <1> 20/03/09 V1.1 http://www.farnell.com http://www.newark.com http://www.cpc.co.uk Features: SCB1W: • Small multipurpose boxes with lids. • These boxes are moulded in ABS to give maximum strength but can be easily punched or drilled for individual requirements and to produce a professional looking end product. • Lid retained by countersunk self tapping screws. T3, T3G and T4: • Miniature sloping module case. • A highly adaptable miniature case ergonomically designed for desk and dashboard packet can be used either way up for the desired application. • Manufactured from high-impact black ABS with single self-tapping panel on the largest flat surface. • A cable knock-out is provided for flying lead applications. Dimensions : Millimetres Dimensions : Millimetres SCB1W T3, T3G and T4 |
Số phần tương tự - SCB1W |
|
Mô tả tương tự - SCB1W |