công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCS103 bảng dữ liệu(PDF) 1 Page - Allied Components International

tên linh kiện PCS103
Giải thích chi tiết về linh kiện  Power Chip Shielded Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALLIED [Allied Components International]
Trang chủ  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCS103 bảng dữ liệu(HTML) 1 Page - Allied Components International

  PCS103 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Chip Shielded Inductors
PCS103
15
DCR
(mΩ)
Irms
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Test
Freq.
PCS103-R80M-RC
PCS103-1R5M-RC
PCS103-2R2M-RC
PCS103-3R3M-RC
PCS103-4R7M-RC
PCS103-8R2M-RC
PCS103-150M-RC
PCS103-220M-RC
PCS103-330M-RC
PCS103-470M-RC
PCS103-560M-RC
PCS103-680M-RC
PCS103-820M-RC
PCS103-101M-RC
0.8
1.5
2.2
3.3
4.7
8.2
15
22
33
47
56
68
82
100
20
20
20
20
20
20
20
20
20
20
20
20
20
20
100
100
100
100
100
100
100
100
100
100
100
100
100
100
5.7
11
16.9
21
30
50
91
143
202
299
325
429
494
683
8.30
5.80
5.10
4.70
4.00
3.00
2.05
1.60
1.35
1.20
1.15
0.95
0.80
0.70
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
PCS103-6R8M-RC
6.8
20
100
35
3.60
PCS103-100M-RC
10
20
100
59
2.80
PCS103-151M-RC
150
20
100
871
0.51
PCS103-121M-RC
120
20
100
754
0.65
All specifications subject to change wtihout notice.
10/20/11
KHz, 1V
Features
• Shielded SMD Power Inductor
• Low DC resistance
• Ideal for DC-DC converter applications
Electrical
Inductance Range: .8µh to 150µh
Tolerance:
20% Available in tighter tolerances
Operating Temp: -55ºC ~ +125ºC
Isat: Current at which inductance drops 35% typ.
Test Equipment
(L):
HP 4284A LCR Meter or Equivalent
Pre-Heat 150ºC, 1 minute.
Physical
Packaging: 1000 pieces per 13 inch reel.
• Available in magnetically shielded
Resistance to Soldering Heat
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temp: 260ºC ± 5ºC for 10sec ± 1sec
(RDC):
CHP 4338B Miliohm Meter or Equivalent
(IDC): 3260B (WK) & DC Bias 3265B (WK)
Marking:
EIA Inductance Code
Irms: Current at which the temp rise + 40ºC
Max
Isat
(A) Max
(A) Typ.
11.20
8.00
6.70
5.56
4.65
3.54
2.60
2.16
1.74
1.43
1.36
1.22
1.14
1.02
3.84
3.18
0.84
0.89
Land Pattern for Reflow Soldering
L(mm) G(mm) H(mm)
10.70
7.30
3.60
Dimensions:
Inches
(mm)


Số phần tương tự - PCS103

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Allied Components Inter...
PCS1014-100T-RC ALLIED-PCS1014-100T-RC Datasheet
332Kb / 1P
Power Chip Shielded Inductors
PCS1014-150T-RC ALLIED-PCS1014-150T-RC Datasheet
332Kb / 1P
Power Chip Shielded Inductors
PCS1014-220T-RC ALLIED-PCS1014-220T-RC Datasheet
332Kb / 1P
Power Chip Shielded Inductors
PCS1014-2R2T-RC ALLIED-PCS1014-2R2T-RC Datasheet
332Kb / 1P
Power Chip Shielded Inductors
PCS1014-2R7T-RC ALLIED-PCS1014-2R7T-RC Datasheet
332Kb / 1P
Power Chip Shielded Inductors
More results

Mô tả tương tự - PCS103

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Allied Components Inter...
PCS5D28-1R0N-RC ALLIED-PCS5D28-1R0N-RC Datasheet
394Kb / 1P
Power Chip Shielded Inductors
PCS2D09 ALLIED-PCS2D09 Datasheet
410Kb / 1P
Power Chip Shielded Inductors
PCS6D28 ALLIED-PCS6D28 Datasheet
366Kb / 1P
Power Chip Shielded Inductors
PCS6D38 ALLIED-PCS6D38 Datasheet
355Kb / 1P
Power Chip Shielded Inductors
PCS105 ALLIED-PCS105 Datasheet
370Kb / 1P
Power Chip Shielded Inductors
PCS125 ALLIED-PCS125 Datasheet
359Kb / 1P
Power Chip Shielded Inductors
PCSDR124 ALLIED-PCSDR124 Datasheet
403Kb / 1P
Power Chip Shielded Inductors
PCSDR129 ALLIED-PCSDR129 Datasheet
672Kb / 1P
Power Chip Shielded Inductors
PCSHC2D18 ALLIED-PCSHC2D18 Datasheet
378Kb / 1P
Power Chip Shielded Inductors
PCSLF1275 ALLIED-PCSLF1275 Datasheet
366Kb / 1P
Power Chip Shielded Inductors
More results


Html Pages

1