công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FSTU6800QSC bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện FSTU6800QSC
Giải thích chi tiết về linh kiện  10-Bit Bus Switch with Precharged Outputs and ??V Undershoot Protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSTU6800QSC bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  FSTU6800QSC Datasheet HTML 1Page - Fairchild Semiconductor FSTU6800QSC Datasheet HTML 2Page - Fairchild Semiconductor FSTU6800QSC Datasheet HTML 3Page - Fairchild Semiconductor FSTU6800QSC Datasheet HTML 4Page - Fairchild Semiconductor FSTU6800QSC Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 3)
Note 1: The Absolute Maximum Ratings are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The Recommended Operating Conditions tables will define the conditions
for actual device operation.
Note 2: The input and output negative voltage ratings may be exceeded if
the input and output diode current ratings are observed.
Note 3: Unused control inputs must be held HIGH or LOW. They may not
float.
DC Electrical Characteristics
Note 4: Measured by the voltage drop between A and B pins at the indicated current through the switch. On resistance is determined by the lower of the
voltages on the two (A or B) pins.
Note 5: Typical values are at VCC = 5.0V and TA= +25°C
Supply Voltage (VCC)
−0.5V to +7.0V
DC Switch Voltage (VS)
−2.0V to +7.0V
Bias V Voltage Range
−0.5V to +7.0V
DC Input Voltage (VIN) (Note 2)
−0.5V to +7.0V
DC Input Diode Current (lIK) VIN< 0V
−50mA
DC Output (IOUT) Sink Current
128mA
DC VCC/GND Current (ICC/IGND)
+/− 100mA
Storage Temperature Range (TSTG)
−65°C to +150 °C
Power Supply Operating (VCC)
4.0V to 5.5V
Precharge Supply (BiasV)
1.5V to VCC
Input Voltage (VIN)0V to 5.5V
Output Voltage (VOUT)0V to 5.5V
Input Rise and Fall Time (tr, tf)
Switch Control Input
0 nS/V to 5 nS/V
Switch I/O
0nS/V to DC
Free Air Operating Temperature (TA)
−40 °C to +85 °C
Symbol
Parameter
VCC
(V)
TA = −40 °C to +85 °C
Units
Conditions
Min
Typ
(Note 5)
Max
VIK
Clamp Diode Voltage
4.5
−1.2
V
IIN = −18mA
VIH
HIGH Level Input Voltage
4.0–5.5
2.0
V
VIL
LOW Level Input Voltage
4.0–5.5
0.8
V
II
Input Leakage Current
5.5
±1.0
µA0 ≤ V
IN ≤ 5.5V
IO
Output Current
4.5
0.25
mA
BiasV
= 2.4V, B = 0
IOZ
OFF-STATE Leakage Current
5.5
±1.0
µA0 ≤ A ≤ V
CC, VIN = VIH
RON
Switch On Resistance
4.5
4
7
Ω
VS = 0V, IIN = 64 mA
(Note 4)
4.5
4
7
Ω
VS = 0V, IIN = 30 mA
4.5
8
15
Ω
VS = 2.4V, IIN = 15 mA
4.0
11
20
Ω
VS = 2.4V, IIN = 15 mA
ICC
Quiescent Supply Current
5.5
3
µAV
S = VCC or GND, IOUT = 0
∆ I
CC
Increase in ICC per Input
5.5
2.5
mA
OE input at 3.4V
Other inputs at VCC or GND
IBIAS
Bias Pin Leakage Current
5.5
±1.0
µAOE = 0V, B = 0V, BiasV = 5.5V
IOZU
Switch Undershoot Current
5.5
100
µAI
IN = −20 mA, OE = 5.5V, VOUT ≥ VIH
VIKU
Voltage Undershoot
5.5
−2.0
V
0.0 mA
≥ I
IN ≥ −50 mA, OE = 5.5V



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com