| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ECJ2VC1H331 bảng dữ liệu(PDF) 12 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECJ2VC1H331 bảng dữ liệu(HTML) 12 Page - Panasonic Semiconductor |
|
12 / 12 page ![]() – EC19 – Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Multilayer Ceramic Capacitors(For General Usage) Rated voltage DC 50 V DC 25 V DC 16 V DC 10 V Capaci- tance (pF) Capacitance Tolerance Part No. Dim. T (mm) Temp. Char. Part No. Dim. T (mm) Temp. Char. Part No. Dim. T (mm) Temp. Char. Part No. Dim. T (mm) Temp. Char. B X7R X5R B X7R X5R B X7R X5R B X7R X5R 1000 ±10 % (K) or ±20 % (M) ECJ2VB1H102 0.6 — 1200 ECJ2VB1H122K 0.6 — 1500 ECJ2VB1H152 0.6 — 1800 ECJ2VB1H182K 0.6 — 2200 ECJ2VB1H222 0.6 — 2700 ECJ2VB1H272K 0.6 — 3300 ECJ2VB1H332 0.6 — 3900 ECJ2VB1H392K 0.6 — 4700 ECJ2VB1H472 0.6 — 5600 ECJ2VB1H562K 0.6 — 6800 ECJ2VB1H682 0.6 — 8200 ECJ2VB1H822K 0.6 — 10000 ECJ2VB1H103 0.6 — 12000 ECJ2VB1H123K 0.6 — 15000 ECJ2VB1H153 0.6 — 18000 ECJ2VB1H183K 0.6 — 22000 ECJ2VB1H223 0.6 — 27000 ECJ2VB1H273K 0.85 — 33000 ECJ2VB1H333 0.85 — 39000 ECJ2VB1H393K 0.85 — 47000 ECJ2FB1H473 1.25 — ECJ2VB1E473 0.85 — 56000 ECJ2FB1H563K 1.25 — ECJ2VB1E563K 0.85 — 68000 ECJ2FB1H683 1.25 — ECJ2VB1E683 0.85 — 82000 ECJ2FB1H823K 1.25 — ECJ2VB1E823K 0.85 — 100000 ECJ2FB1H104 1.25 — ECJ2VB1E104 0.85 — ECJ2VB1C104 0.85 — 150000 ECJ2FB1H154 1.25 — ECJ2FB1E154 1.25 — ECJ2VB1C154 0.85 — 220000 ECJ2FB1H224 1.25 — ECJ2FB1E224 1.25 — ECJ2VB1C224 0.85 — 330000 ECJ2FB1E334 1.25 — ECJ2FB1C334 1.25 — 470000 ECJ2FB1E474 1.25 — ECJ2FB1C474 1.25 — 680000 ECJ2FB1E684 1.25✽ —— ECJ2FB1C684 1.25✽ —— ECJ2FB1A684 1.25 —— Rated voltage DC 50 V DC 25 V DC 16 V Capaci- tance (pF) Capacitance Tolerance Part No. Dim. T (mm) Temp. Char. Part No. Dim. T (mm) Temp. Char. Part No. Dim. T (mm) Temp. Char. FY5V FY5V F Y5V 10000 +80, –20 %(Z) ECJ2VF1H103Z 0.6 22000 ECJ2VF1H223Z 0.6 47000 ECJ2VF1H473Z 0.6 100000 ECJ2VF1H104Z 0.85 ECJ2VF1E104Z 0.6 ECJ2VF1C104Z 0.6 220000 ECJ2VF1H224Z 0.85 ECJ2VF1E224Z 0.85 ECJ2VF1C224Z 0.6 470000 ECJ2FF1E474Z 1.25 ECJ2VF1C474Z 0.85 ■ Standard Products for EIA “0805”, Taped Version ● Class 2 ◆ Temperature Characteristic Code : B (Temperature Characteristics : B, X7R, X5R) Dimensional tolerance of L, W, T: ± 0.1 mm Standard packaging quantity of Packaging Style Code “V” (T = 0.6 mm): 5,000 pcs./reel, “V” (T = 0.85 mm): 4,000 pcs./reel, “F” (T = 1.25 mm): 3,000 pcs./reel Soldering method of dimension T>1 mm: Avoid flow soldering. For capacitance 1 µF or more, see page 6 and 7 for High Capacitance. : Capacitance tolerance code : “ ” for “K” or “M” Dimensional tolerance of L, W, T: ± 0.1 mm for no mark, ± 0.15 mm for “ ✽” mark Standard packaging quantity of Packaging Style Code “V” (T = 0.6 mm): 5,000 pcs./reel, “V” (T = 0.85 mm): 4,000 pcs./reel, “F” (T = 1.25 mm): 3,000 pcs./reel Soldering method of dimension T>1 mm: Avoid flow soldering. For capacitance 1 µF or more, see page 6 and 7 for High Capacitance. ◆ Temperature Characteristic Code : F (Temperature Characteristics : F, Y5V) Sep. 2008 00 |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |