công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WS3410 bảng dữ liệu(PDF) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

tên linh kiện WS3410
Giải thích chi tiết về linh kiện  WS3410 Active PFC Non-isolated Buck LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Trang chủ  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS3410 bảng dữ liệu(HTML) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS3410 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3410 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3410 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3410 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3410 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3410 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3410 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3410 Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.winsemi.com
Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
2/8
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WS3410 Product Description
Pin
Pin
Pin
Pin Definition
Definition
Definition
Definition and
and
and
and Device
Device
Device
Device Marking
Marking
Marking
Marking
WS3410 is available in SOT23-6 package.
Pin
Pin
Pin
Pin Function
Function
Function
Function Description
Description
Description
Description
Pin
Pin
Pin
Pin Name
Name
Name
Name
Pin
Pin
Pin
Pin NO.
NO.
NO.
NO.
Description
Description
Description
Description
VCC
1
Power supply
GND
2
Ground
COMP
3
Loop compensation, with a cap to GND.
GATE
4
Driver output pins
CS
5
Current sampling end
FB
6
Feedback signal input.
Block
Block
Block
Block Diagram
Diagram
Diagram
Diagram
10: WS3410
Y: Year 4=2014,
M: Month 1,2…A=10,B=11,C=12
F: Factory No.
1
2
3
6
5
4
V C C
G N D
C O M P
G A T E
C S
F B
6
SOT23 6
-
.1 0 Y M F
U V L O
Inter
s u p p ly
V C C
1 V
L o g i c
&
driver
C O M P
Zero-Current
Detect
O T P
3
3
3
3
4
4
4
4
C S
5
5
5
5
O V P
F B
G N D
2
2
2
2
Current
s e n s e
E A
2 0 0 m V
O C P
P F C
control
Temperature
control
G A T E
1 . 5 V
low-clamp
8 . 0 V
1
1
1
1
6
6
6
6



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com