công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WS3253 bảng dữ liệu(PDF) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

tên linh kiện WS3253
Giải thích chi tiết về linh kiện  High Precision Primary-Side Off-line PWM Power Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Trang chủ  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS3253 bảng dữ liệu(HTML) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS3253 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3253 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3253 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3253 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3253 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3253 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3253 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3253 Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3253 Datasheet HTML 9Page - Shenzhen Winsemi Microelectronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.winsemi.com
Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
2/11
WS3253 Product Description
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
Typical
Typical
Typical
Typical Application
Application
Application
Application Circuit
Circuit
Circuit
Circuit
Pin
Pin
Pin
Pin Definition
Definition
Definition
Definition and
and
and
and Device
Device
Device
Device Marking
Marking
Marking
Marking
WS3253 is available in DIP8 and SOP8 package:
Pin
Pin
Pin
Pin Function
Function
Function
Function Description
Description
Description
Description
Pin
Pin
Pin
Pin
Name
Name
Name
Name
Pin
Pin
Pin
Pin
Number
Number
Number
Number
Pin
Pin
Pin
Pin Type
Type
Type
Type
Function
Function
Function
Function Description
Description
Description
Description
VCC
1
Power
Power supply
COMP
2
Loop Compensation
Loop Compensation for CV Stability
INV
3
Feedback Input
The voltage feedback from auxiliary winding. Connected to resistor
divider from auxiliary winding reflecting output voltage. PWM duty cycle is
determined by EA output and current sense signal at pin4.
CS
4
Current Monitoring
Current sense input.
DRAIN
5/6
Power transistor drain
This pin connects directly to the primary lead of the transformer.
GND
7/8
GND
Ground
WS3253D8P
WS3253D8P
WS3253D8P
WS3253D8P
A1a
A1a
A1a
A1a
2C
2C
2C
2C
WS3253S8P
WS3253S8P
WS3253S8P
WS3253S8P
A1a
A1a
A1a
A1a
2C
2C
2C
2C
D: DIP8 S: SOP
P: no Pb
A:wafer information;
1:Ver.; a: Package Code
2C:Y+M(2=2012 C=12 Month
(1,2…A=10,B=11,C=12)
V C C
C O M P
I N V
C S
G N D
G N D
D R A I N
D R A I N
1
2
3
4
5
6
7
8
D I P 8
V C C
C O M P
I N V
C S
G N D
G N D
D R A I N
D R A I N
1
2
3
4
5
6
7
8
S O P 8
A C
NP
NS
CO
VO
NA U X
V C C
C O M P
I N V
C S
G N D
G N D
G ra in
G ra in
RS
W S 3 2 5 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com