công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

QE-XT bảng dữ liệu(PDF) 3 Page - Microdc power Technology Co., Ltd

tên linh kiện QE-XT
Giải thích chi tiết về linh kiện  0.25W, FIXED INPUT, ISOLATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICRODC [Microdc power Technology Co., Ltd]
Trang chủ  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

QE-XT bảng dữ liệu(HTML) 3 Page - Microdc power Technology Co., Ltd

  QE-XT Datasheet HTML 1Page - Microdc power Technology Co., Ltd QE-XT Datasheet HTML 2Page - Microdc power Technology Co., Ltd QE-XT Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Q
QF-XT
F-XT&
&
Q
QE-XT
E-XT
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 3 of 3
OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS &
&
FOOTPRINT
FOOTPRINT DETAILS
DETAILS
SOLDER
SOLDER PAD
PAD DIMENSION
DIMENSION
Dimensions in [mm], () = Inch
Pin pitch tolerances: ±0.13 (±0.005)
Other tolerances: ±0.25 (±0.01)
FOOTPRINT
FOOTPRINT DETAILS
DETAILS
Pin
Single
Dual
1
-Vin(GND)
-Vin(GND)
2
+Vin
+Vin
3
No con.
No con.
5
-Vout
Common
6
No con.
-Vout
7
No con.
No con.
8
+Vout
+Vout
10
No con.
No con.
11
No con.
No con.
12
No con.
No con.
No con.=Pin to be isolated from circuitry
Specifcations can be changed any time without notice.
No parallel connection or plug and play.
Note:
1. The load shouldn't be less than 10%, otherwise ripple will increase dramatically.
2. Operation under 10% load will not damage the converter; However, they may not meet all specification listed.
3. All specifications measured at Ta=25°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
4. In this datasheet, all the test methods of indications are based on corporate standards.
5. Only typical models listed, other models may be different, please contact our technical person for more details.
MECHANICAL
MECHANICAL DIMENSIONS
DIMENSIONS
Note:
Unit:mm[inch]
Pin section tolerances:±0.10mm[±0.004inch]
General tolerances:±0.25mm[±0.010inch]
TUBE
TUBE OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
Unless otherwise stated all dimensions in mm±0.5 (inches ±0.02).
Tube length : 475±2.0 (18.70±0.07).
Tube Quantity :25



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com