công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

787616-1 bảng dữ liệu(PDF) 11 Page - Tyco Electronics

tên linh kiện 787616-1
Giải thích chi tiết về linh kiện  Connector System for Universal Serial Bus (USB)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

787616-1 bảng dữ liệu(HTML) 11 Page - Tyco Electronics

Back Button 787616-1 Datasheet HTML 7Page - Tyco Electronics 787616-1 Datasheet HTML 8Page - Tyco Electronics 787616-1 Datasheet HTML 9Page - Tyco Electronics 787616-1 Datasheet HTML 10Page - Tyco Electronics 787616-1 Datasheet HTML 11Page - Tyco Electronics 787616-1 Datasheet HTML 12Page - Tyco Electronics 787616-1 Datasheet HTML 13Page - Tyco Electronics 787616-1 Datasheet HTML 14Page - Tyco Electronics 787616-1 Datasheet HTML 15Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
Catalog 7-1773442-0
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 03-06
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Connector System for Universal Serial Bus (USB)
Series B Receptacle Assemblies
34
21
15.71
[.619]
Ref.
11.50
[.453]
Ref.
2.50
[.098]
Ref.
Ref.
12.04
[.474]
Ref.
2 Plcs.
2 Plcs.
10.28
[.405]
Ref.
2 Plcs.
3.93
[.155]
Housing
Shell
Contact
Typ.
8.45
[.333]
7.78
[.306]
3.01 ± 0.25
[.119 ± .010]
Solder Tail
Typ.
Ø 0.92 ± 0.08
[.036 ± .003]
4 Plcs.
Ø 2.30 ± 0.08
[.091 ± .003]
2 Plcs.
2.50
[.098]
2.71
[.107]
4.71
[.185]
12.04
[.474]
Recommended PCB Layout
4.77
[.188]
34
21
15.62
[.615]
Ref.
2.50
[.098]
Ref.
Ref.
12.03
[.474]
Ref.
11.46
[.451]
Ref.
2 Plcs.
4.02
[.158]
Ref.
2 Plcs.
6.88
[.271]
Housing
Shell
Contact
Typ.
8.45
[.333]
7.78
[.306]
3.01 ± 0.25
[.119 ± .010]
Ø 0.92 ± 0.08
[.036 ± .003]
4 Plcs.
Ø 2.30 ± 0.08
[.091 ± .003]
2 Plcs.
2.50
[.098]
2.71
[.107]
0.505
[.0199]
12.04
[.474]
Recommended PCB Layout
4.77
[.188]
4 Plcs.
Right Angle, Thru-Hole
Part Number
292304-1
Loose Piece
Material and Finish
Housing — Thermoplastic, UL94V-0
Shell — Copper alloy, plated bright tin
Contacts — Copper alloy, plated
0.076µm min. gold over 0.76µm min.
palladium-nickel on the mating end,
3.8µm min. tin lead on solder tails all
over 1.27µm min. nickel underplating or
0.076µm min. gold on the mating end,
3.8µm min. tin lead on solder tails all
over 1.27µm min. nickel underplating.
Recommended PCB Thickness —
1.57 [.062]
Product Specification
108-1586
Vertical Thru-Hole
Part Number
5787834-1
Loose Piece
Material and Finish
Housing — Thermoplastic, UL94V-0
Shell — Copper Alloy, plated bright
Tin
Contacts — Copper Alloy, plated
0.076µm min. Gold over 0.76µm min.
palladium-nickel on the mating end,
3.8µm min. Tin lead on solder tails all
over 1.27µm min. nickel underplating or
0.076µm min. Gold on the mating end,
3.8µm min. Tin lead on solder tails all
over 1.27µm min. nickel underplating.
Recommended PCB Thickness —
1.57 [.062]
Product Specification
108-1586



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com