công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STPS3L40SY bảng dữ liệu(PDF) 5 Page - STMicroelectronics

tên linh kiện STPS3L40SY
Giải thích chi tiết về linh kiện  Automotive power Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3L40SY bảng dữ liệu(HTML) 5 Page - STMicroelectronics

  STPS3L40SY Datasheet HTML 1Page - STMicroelectronics STPS3L40SY Datasheet HTML 2Page - STMicroelectronics STPS3L40SY Datasheet HTML 3Page - STMicroelectronics STPS3L40SY Datasheet HTML 4Page - STMicroelectronics STPS3L40SY Datasheet HTML 5Page - STMicroelectronics STPS3L40SY Datasheet HTML 6Page - STMicroelectronics STPS3L40SY Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
STPS3L40-Y
Package information
Doc ID 018562 Rev 1
5/7
2
Package information
●
Epoxy meets UL94,V0
●
Lead-free packages
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 11.
SMC footprint dimensions in mm (inches)
Table 5.
SMC package dimensions
Ref
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.45
0.075
0.096
A2
0.05
0.20
0.002
0.008
b
2.90
3.2
0.114
0.126
c
0.15
0.40
0.006
0.016
D
5.55
6.25
0.218
0.246
E
7.75
8.15
0.305
0.321
E1
6.60
7.15
0.260
0.281
E2
4.40
4.70
0.173
0.185
L
0.75
1.40
0.030
0.063
E
C
L
E2
E1
D
A1
A2
b
8.19
1.54
5.11
1.54
(0.061)
(0.201)
(0.322)
(0.124)
(0.061)
3.14



Html Pages

1 2 3 4 5 6 7