| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IR2214SSTRPBF bảng dữ liệu(PDF) 21 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IR2214SSTRPBF bảng dữ liệu(HTML) 21 Page - International Rectifier |
|
21 / 33 page ![]() IR2114/IR2214SSPbF www.irf.com © 2009 International Rectifier 21 Figures 25-83 provide information on the experimental performance of the IR2114/IR2214SSPbF HVIC. The line plotted in each figure is generated from actual lab data. A large number of individual samples from multiple wafer lots were tested at three temperatures (-40 ºC, 25 ºC, and 125 ºC) in order to generate the experimental (Exp.) curve. The line labeled Exp. consist of three data points (one data point at each of the tested temperatures) that have been connected together to illustrate the understood trend. The individual data points on the curve were determined by calculating the averaged experimental value of the parameter (for a given temperature). 9.95 10.00 10.05 10.10 10.15 10.20 10.25 10.30 -50 -25 0 25 50 75 100 125 Temperature ( oC) Figure 25. VCCUV+ Threshold vs. Temperature Exp. 0 100 200 300 400 500 600 -50 -25 0 25 50 75 100 125 Temperature ( oC) Figure 29. VBS Quiescent Current vs. Temperature Exp. 0.00 0.10 0.20 0.30 0.40 0.50 0.60 0.70 0.80 0.90 1.00 -50 -25 0 25 50 75 100 125 Temperature ( oC) Figure 30. VCC Quiescent Current vs. Temperature Exp. 10.00 10.05 10.10 10.15 10.20 10.25 10.30 10.35 10.40 10.45 -50 -25 0 25 50 75 100 125 Temperature ( oC) Figure 27. VBSUV+ Threshold vs. Temperature Exp. 9.25 9.30 9.35 9.40 9.45 9.50 9.55 9.60 9.65 9.70 -50 -25 0 25 50 75 100 125 Temperature ( oC) Figure 28. VBSUV- Threshold vs. Temperature Exp. 9.15 9.20 9.25 9.30 9.35 9.40 9.45 9.50 9.55 9.60 -50 -25 0 25 50 75 100 125 Temperature ( oC) Figure 26. VCCUV- Threshold vs. Temperature Exp. |