công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AVR900UTAA bảng dữ liệu(PDF) 2 Page - Tripp Lite. All Rights Reserved

tên linh kiện AVR900UTAA
Giải thích chi tiết về linh kiện  TAA Compliant AVR Series Line-Interactive UPS System
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TRIPPLITE [Tripp Lite. All Rights Reserved]
Trang chủ  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

AVR900UTAA bảng dữ liệu(HTML) 2 Page - Tripp Lite. All Rights Reserved

  AVR900UTAA Datasheet HTML 1Page - Tripp Lite. All Rights Reserved AVR900UTAA Datasheet HTML 2Page - Tripp Lite. All Rights Reserved AVR900UTAA Datasheet HTML 3Page - Tripp Lite. All Rights Reserved AVR900UTAA Datasheet HTML 4Page - Tripp Lite. All Rights Reserved AVR900UTAA Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Supports Tripp Lite's Watchdog system service to restore operation to locked equipment through soft reboot of application/OS or hard power off/on reboot
of connected equipment, ideal for unattended kiosk applications
98% line mode efficiency rating uses less energy and BTU emissions
Built-in grounding lug
Hot swappable user battery replacement
Space saving, ultra-compact housing with support for wall-mount, desktop or floor placement
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
900
Output Watt Capacity (Watts)
480
Nominal Output Voltage(s)
Supported
115V; 120V
Frequency Compatibility
60 Hz
Output Voltage Regulation (Line
Mode)
120V (+8%, -21%)
Output Voltage Regulation (Battery
Mode)
115V (+/- 5%)
UPS Output Receptacles
12 5-15R outlet(s)
UPS Output Receptacles (Surge
Suppression Only)
6 UPS outlets, 6 surge-only outlets
Output AC Waveform (AC Mode)
Sine wave
Output AC Waveform (Battery Mode)
PWM sine wave
INPUT
Rated input current (Maximum Load)
12A
Nominal Input Voltage(s) Supported
120V AC
UPS Input Connection Type
5-15P; Right-Angled
UPS Input Cord Length (ft.)
6
UPS Input Cord Length (m)
1.8
Recommended Electrical Service
15A 120V
Input Phase
Single-Phase
BATTERY
Half Load Runtime (min.)
10 min. (240w)
DC System Voltage (VDC)
12
Internal UPS Replacement Battery
Cartridge
RBC51
2 / 5



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com