công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

A8437ECGLT bảng dữ liệu(PDF) 13 Page - Allegro MicroSystems

tên linh kiện A8437ECGLT
Giải thích chi tiết về linh kiện  Mobile Phone Xenon Photoflash Capacitor Charger with IGBT Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALLEGRO [Allegro MicroSystems]
Trang chủ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8437ECGLT bảng dữ liệu(HTML) 13 Page - Allegro MicroSystems

Back Button A8437ECGLT Datasheet HTML 9Page - Allegro MicroSystems A8437ECGLT Datasheet HTML 10Page - Allegro MicroSystems A8437ECGLT Datasheet HTML 11Page - Allegro MicroSystems A8437ECGLT Datasheet HTML 12Page - Allegro MicroSystems A8437ECGLT Datasheet HTML 13Page - Allegro MicroSystems A8437ECGLT Datasheet HTML 14Page - Allegro MicroSystems A8437ECGLT Datasheet HTML 15Page - Allegro MicroSystems A8437ECGLT Datasheet HTML 16Page - Allegro MicroSystems A8437ECGLT Datasheet HTML 17Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Mobile Phone Xenon Photoflash Capacitor Charger
with IGBT Driver
A8437
12
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
(ZVS) is achieved. This further improves efficiency
as well as reduces switching noise. A ZVS interval is
shown in the following figure.
ISW
VBAT
VOUT
VSW
ISW
VBAT
VOUT
VSW
VOUT = 120 V; t =0.2 μs/div; VBAT =3.6 V; RSET=33.2 kΩ
IGBT Gate Driver Interlock
The TRIGGER1and TRIGGER2 pins are ANDed
together inside the IC to control the IGBT gate driver.
If only one trigger signal is needed, tie both trigger
pins together and use as a single input.
Triggering is disabled (locked) during charging. This
is to prevent switching noise from interfering with the
IGBT driver. After the CHARGE pin goes high (at the
start of a charging cycle), the IC must wait for comple-
tion of the charging cycle (D
¯¯¯¯¯O¯¯¯N¯¯E¯ goes low) before
triggering can be enabled, according to the following
chart:
Conditions
Resulting State
CHARGE
¯D¯¯O¯¯N¯¯E¯
IGBT Gate Driver
Low
Don’t Care
Enabled
High
High
Disabled
High
Low
Enabled
After completion of the charging cycle, if the charge
pin is kept high and REG is enabled, the IC will
periodically recharge the output. If a trigger signal
comes in during a recharge cycle, charging will be
halted immediately and the IGBT gate driver will be
allowed to fire after a delay of less than 1 μs. Charging
resumes after the trigger signal is removed.
Red Eye Reduction
The IGBT gate driver is always enabled when
CHARGE is low. If the charge pin is disabled before
sufficient voltage has built up on the output capacitor,
the flash may not fire. In the case of red-eye reduction
flashes, it is recommended to keep the CHARGE pin
low until completion of triggering pulses. This ensures
that the IGBT gate driver will remain enabled regard-
less of the D
¯¯¯¯¯O¯¯¯N¯¯E¯ state.
Zero Voltage
Switching



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com