| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RB1007 bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
RB1007 bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 2 page ![]() Stopper nut RB0805 RB0806 RB1006 RB1007 RBC0805 RBC0806 RBC1006 RBC1007 Model Basic type With cap With cap ∗ Basic type dimensions 4 4 4 4 h Hexagon nut 13.9 13.9 16.2 16.2 C 12 12 14 14 B 8.5 8.5 10 10 Z 45.8 46.8 52.7 53.7 LL 54.3 55.3 62.7 63.7 LL 6.8 6.8 8.7 8.7 E3 40.8 40.8 46.7 46.7 S 33.4 33.4 39 39 L 1.4 1.4 1.4 1.4 a 5 6 6 7 H 2.4 2.4 2.7 2.7 F 6.8 6.8 8.6 8.6 E2 6.8 6.8 8.8 8.8 E1 2.8 2.8 3 3 D M8 x 1.0 M8 x 1.0 M10 x 1.0 M10 x 1.0 MM RB1411 RB1412 RB2015 RB2725 RBC1411 RBC1412 RBC2015 RBC2725 Model Basic type With cap With cap ∗ Basic type dimensions 6 6 6 6 h Hexagon nut 21.9 21.9 31.2 41.6 C 19 19 27 36 B 13.5 13.5 17 23 Z 78.3 79.3 88.2 124 LL 91.8 92.8 105.2 147 LL 12 12 18 25 E3 67.3 67.3 73.2 99 S 58.8 58.8 62.2 86 L 12 12 18 25 K 11 12 15 25 H 3.5 3.5 4 5 F 12 12 18 25 E2 12.2 12.2 18.2 25.2 E1 5 5 6 8 D M14 x 1.5 M14 x 1.5 M20 x 1.5 M27 x 1.5 MM RB08J RB10J RB14J RB20J RB27J Dimensions Part no. 13.9 16.2 21.9 31.2 41.6 C 12 14 19 27 36 B 4 4 6 6 6 h M8 x 1.0 M10 x 1.0 M14 x 1.5 M20 x 1.5 M27 x 1.5 MM RB08S RB10S RB14S RB20S RB27S Dimensions Part no. Basic type RBC08S RBC10S RBC14S RBC20S RBC27S With cap 15 15 20 25 33 f 9 11 15 23 32 d 23 23 31 40 51 h2 6.5 8 11 16 22 h1 13.9 16.2 21.9 31.2 41.6 C 12 14 19 27 36 B M8 x 1.0 M10 x 1.0 M14 x 1.5 M20 x 1.5 M27 x 1.5 MM RBC08C RBC10C RBC14C RBC20C RBC27C Dimensions Part no. 6 7.5 10 20 25 SR 6.8 8.7 12 18 25 B 6.5 9 12.5 16 21 A Material: Polyurethane (mm) (mm) (mm) (mm) (mm) Cap Cap bracket Cap Cap bracket Dimensions For basic type For cap type Basic type: RB0805, RB0806, RB1006, RB1007 With cap: RBC0805, RBC0806 RBC1006, RBC1007 ∗ Other dimensions are the same as the basic type. Basic type: RB1411, RB1412, RB2015, RB2725 With cap: RBC1411, RBC1412 RBC2015, RBC2725 ∗ Other dimensions are the same as the basic type. Hexagon Nut (2 pcs. standard equipment) Option Replacement Parts Cap These are the replace- ment part for the cap type. Not available for the basic type. ∗ ) ( Shock Absorber Series RB 10-18-3 RE A B REC C X C Y MQ Q M RHC MK(2) RS Q G RS H A RZQ MI W S CEP1 CE1 CE2 ML2B C J G 5-S CV MVGQ CC RB J D- -X 20- Data |