công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ML7406 bảng dữ liệu(PDF) 45 Page - List of Unclassifed Manufacturers

tên linh kiện ML7406
Giải thích chi tiết về linh kiện  868MHz SRD RF transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

ML7406 bảng dữ liệu(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button ML7406 Datasheet HTML 41Page - List of Unclassifed Manufacturers ML7406 Datasheet HTML 42Page - List of Unclassifed Manufacturers ML7406 Datasheet HTML 43Page - List of Unclassifed Manufacturers ML7406 Datasheet HTML 44Page - List of Unclassifed Manufacturers ML7406 Datasheet HTML 45Page - List of Unclassifed Manufacturers ML7406 Datasheet HTML 46Page - List of Unclassifed Manufacturers ML7406 Datasheet HTML 47Page - List of Unclassifed Manufacturers ML7406 Datasheet HTML 48Page - List of Unclassifed Manufacturers ML7406 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 104 page
background image
FEDL7406-02
ML7406
45/104
(2) In case of using SDI/SDO pin (sharing with SPI interface)
If SDI and SDO pins are used DCLK/DIO, DCLK/DIO is controlled as follow. (below DIO/DCLK vertical line part indicate
output or input.) Both SDO_CFG and SDI_CFG ([SPI/EXT_PA_CTRL:B0 0x53 (5,4)]) should be set 0b1.
[TX]
i) Continuous input mode (from host)
Set TXDIO_CTRL[1:0] ([DIO_SET: B0 0x0C(5-4)])=0b01
After TX_ON(SET_TRX[3:0] ([RF_STATUS: B0 0x0B(3-0)])=0x9), during SCEN pin is ”H”, DCLK is output from SDO pin.
TX data can be input from SDI pin at falling edge of DCLK. TX data must be encoded data. After TRX_OFF is issued
(SET_TRX[3:0] ([RF_STATUS: B0 0x0B(3-0)])=0x8), input data from DIO pin are not valid. During DCLK output, if SCEN
pin becomes “L”, DCLK output will stop. (SPI access has priority)
(Note)
Not to access SPI until TX completion. During packet transmission, if SPI access is attempted by the host, TX data error can
be expected.
ii) Data input mode (from host)
Set TXDIO_CTRL[1:0] ([DIO_SET: B0 0x0C(5-4)])=0b10.
After TX_ON, when SCEN is ”H”, DCLK is output from SDO pin during data input period after SyncWord. At falling edge of
DCLK, TX data should be input to SDI from the host. After TRX_OFF is issued (SET_TRX[3:0] ([RF_STATUS: B0
0x0B(3-0)])=0x8), TX data/clock input/output are invalid. During DCLK output period, if SCEN becomes “L”, DCLK output
will stop. (SPI access has a priority)
(Note)
Not to access SPI until TX completion. During packet transmission, if SPI access is attempted by the host, TX data error can be
expected.
TXON
TX_ON
command
TX data
Preamble
SyncWord
Data-field
TRX_OFF
command
SCEN
DIO(SDI)
TXON
TX_ON
command
TX data
DCLK(SDO)
Preamble
SyncWord
Data-field
TRX_OFF
command
SCEN
DIO(SDI)
DCLK(SDO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More