| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ML22Q394 bảng dữ liệu(PDF) 21 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ML22Q394 bảng dữ liệu(HTML) 21 Page - List of Unclassifed Manufacturers |
|
21 / 42 page ![]() FEDL22Q394-02 ML22Q394 21/42 Timing which stops the playback in Change Immediately mode and Change Immediately Once mode After inputting the STOP command, fade-out of the playback is carried out and the playback is stopped. tPUP1 SCL SDA OSC (internal) VOH VOL BUSYB A 6 A W A A 5 A 4 A 3 A 2 A 1 A 0 D 0 D 1 D 2 D 3 D 4 D 5 D 6 D 7 CSB tCB SPP WS1 SPM A 6 A W A A 5 A 4 A 3 A 2 A 1 A 0 tPLBF WS2 Hi-Z Hi-Z tNCM “H”or”L” fix VIH VIL Speaker amplifier enable (internal) Status Phrase (m) STOP command Oscillating Oscillation stable Command processing 定中 Awaiting command Standby Playing Phrase (m) SCL SDA OSC (internal) VOH VOL BUSYB CSB SPP SPM VIH VIL VIH VIL WS3 WS4 tPLAF Hi-Z Hi-Z tFDO tOSST “H”or”L” fix VIH VIL Speaker amplifier enable (internal) Status Awaiting oscillation stop Playing Standby Oscillating Fade-out processing - The wait time of WS1, WS2, WS3, and WS4 can be set up for every phrase, when creating sound data using Speech Utility. - About this function, refer to “3. PHRASEn command” in “Description of Command Functions” |