| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PACUSBVB-D1Y6R bảng dữ liệu(PDF) 5 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
PACUSBVB-D1Y6R bảng dữ liệu(HTML) 5 Page - ON Semiconductor |
|
5 / 7 page ![]() PACUSBVB http://onsemi.com 5 APPLICATION INFORMATION The PACUSBVB−D1 provides a complete interface for a single downstream USB port typically found in computers and USB hubs. It integrates the series resistors (R1) and the 15 k W pull−down resistors (R2) for both USB data lines (D+ and D−) as well as the capacitors to ground for EMI suppression. Zener diodes provide ESD protection up to 15 kV contact discharge per the IEC 61000−4−2 standard and protect the USB controller on both data lines. The 6−lead PACUSBVB−D1 device provides an additional zener diode to protect the VBUS USB power line. The PACUSBVB−D1 should be placed on the PCB between the USB controller and the USB connector, as shown on the Connection Diagram, Figure 3. Figure 3. Connection Diagram for PACUSBVB−D1 1 2 4 6 R1 3 Downstream USB Connector R2 C1 D+ R2 C1 R1 D− USB Controller D+ D− PACUSBVB−DnY6R 5 VBUS To guarantee the best ESD and filtering performance, it is recommended that the PACUSBVB−D1 be located close to the USB connector. Also, the trace lengths between the PACUSBVB−D1 and the USB controller should be kept as short as possible. |