công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SMART3000RM2U bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện SMART3000RM2U
Giải thích chi tiết về linh kiện  SmartPro 3kVA 2250W Line Interactive Sine Wave UPS, Extended-run & SNMPWEBCARD options, 2U Rack/Tower, LCD, USB, RS232, EPO, 120V
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

SMART3000RM2U bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  SMART3000RM2U Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART3000RM2U Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART3000RM2U Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART3000RM2U Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART3000RM2U Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART3000RM2U Datasheet HTML 6Page - List of Unclassifed Manufacturers SMART3000RM2U Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Extended runtime is available with optional BP48V24-2U (limit 1), BP48V60RT-3U (multi-pack compatible) and BP48V27-2US (multi-pack compatible)
external battery packs (max output de-rates to 1600 watts with external batteries)
External battery configurations require the use of Tripp Lite's External Battery Configuration Software (see manual)
Hot-swappable, user-replaceable internal batteries and external battery packs can be replaced with no disruption to connected equipment
Front panel LCD monitoring screen with MODE and ENTER buttons reports operating mode with 5-bar battery charge graphic, plus 7 selectable screens
of detailed UPS and site power information
LCD interface also supports a number of advanced user setup and operating preferences
Ships with 4 post rackmount installation hardware; Optional 2POSTRMKITWM enables 2 post rackmount/wallmount installation; Optional 2-9USTAND
enables tower placement
Built-in USB, RS-232 and optional SNMPWEBCARD accessory monitoring options
HID-compliant USB interface enables integration with built-in power management and auto shutdown features of Windows and Mac OS X
Included PowerAlert UPS monitoring software; Built-in Emergency Power Off (EPO) interface with cable
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
3000
Output kVA capacity (kVA)
3
Output Watt Capacity (watts)
2250
Output kW capacity
2.25
Output power factor
0.75
Output Capacity Details
Output capacity is reduced to 1600 watts in all external battery pack configurations
Nominal Output Voltage(s)
Supported
120V
Frequency compatibility
60 Hz
Output voltage regulation (line mode)
-14%, +6%
Output voltage regulation (Battery
mode)
+/- 5%
Built-in UPS output receptacles
8 5-15/20R outlet(s); 1 L5-30R outlet(s)
Built-in controllable switched load
banks
Two switchable single-outlet load banks
Output circuit breaker
Two 20A output breakers protect 4 5-15/20R outlets each
Output AC waveform (AC mode)
Pure Sine wave
Output AC waveform (battery mode)
Pure Sine wave
INPUT
Rated input current (at maximum
load)
24A
Nominal Input Voltage(s) Supported
120V AC
UPS input connection type
L5-30P
2 / 6



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com