công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H1209XM bảng dữ liệu(PDF) 2 Page - Microdc power Technology Co., Ltd

tên linh kiện H1209XM
Giải thích chi tiết về linh kiện  1W,Isolated 6000VDC Unregulated Single&Dual Output DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICRODC [Microdc power Technology Co., Ltd]
Trang chủ  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

H1209XM bảng dữ liệu(HTML) 2 Page - Microdc power Technology Co., Ltd

  H1209XM Datasheet HTML 1Page - Microdc power Technology Co., Ltd H1209XM Datasheet HTML 2Page - Microdc power Technology Co., Ltd H1209XM Datasheet HTML 3Page - Microdc power Technology Co., Ltd H1209XM Datasheet HTML 4Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
H
H-X
-XM&G
M&G-X
-XM
M S
Series
eries
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 4
OUTPUT
OUTPUT CHARACTERISTICS
CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated Power1
TA=-40℃~60℃
1
W
Voltage Set Point
See tolerance envelope
Line regulation
High Vin to low Vin
1.0
1.2
%%
Load regulation
Single outputs
10% load to rated load,xx03
10.0
15.0
%
10% load to rated load,0505
7.0
10.0
10% load to rated load,0509,0512,0515
6.0
10.0
10% load to rated load,12xx
5.0
7.0
Load regulation
Dual outputs
10% load to rated load,5V output types
10.0
15.0
10% load to rated load,9V output types
6.0
10.0
%
10% load to rated load,12V output types
6.0
10.0
10% load to rated load,15V output types
6.0
10.0
Zero Load Power
All types
250
MW
ISOLATION
ISOLATION CHARACTERISTICS
CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Flash tested for 1 second
6000
VDC
Resistance
Viso=500VDC
1
GΩ
Isolation voltage
I/O isolation voltage
3000
VAL rms
Isolation capacity
Input/Output
10
pF
Isolation resistance
Input/Output
>1000
M ohm
GENERAL
GENERAL CHARACTERISTICS
CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
Single output
50
kHz
Dual output
70
Package weight
Single/Dual models
4.0(0.14 )
g (oz)
TEMPERATURE
TEMPERATURE DERATING
DERATING GRAPH
GRAPH
TOLERANCE
TOLERANCE ENVELOPE
ENVELOPE
H-XM/G-XM
3.3V in,3V out type only
1.See derating graph.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.Another 24V& 48V products, please inquire Our technical department!
TEMPERATURE
TEMPERATURE CHARACTERISTICS
CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
All output types
-40
60
℃
Storage
-55
130
Case Temperature above
All output types
33



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com