công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RB2405XLS bảng dữ liệu(PDF) 1 Page - Microdc power Technology Co., Ltd

tên linh kiện RB2405XLS
Giải thích chi tiết về linh kiện  Isolated 0.5W Single Output DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICRODC [Microdc power Technology Co., Ltd]
Trang chủ  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

RB2405XLS bảng dữ liệu(HTML) 1 Page - Microdc power Technology Co., Ltd

  RB2405XLS Datasheet HTML 1Page - Microdc power Technology Co., Ltd RB2405XLS Datasheet HTML 2Page - Microdc power Technology Co., Ltd RB2405XLS Datasheet HTML 3Page - Microdc power Technology Co., Ltd RB2405XLS Datasheet HTML 4Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RB
RB-X
-XLS&RB-XLD
LS&RB-XLD
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 4
SELECTION
SELECTION GUIDE
GUIDE
Order code
Input
Voltage
(V)
Output
Voltage
(V)
Output
Current
(MA)
Input Current
(Rated Load)
(MA)
Efficiency
(%)
Isolation
Capacitance
(PF)
MTTF1
(KHRS)
RB0303XLS
3.3
3.3
150
210
72
26
1987
RB0305XLS
3.3
5
100
204.5
74
26
1979
RB0505XLS
5
5
100
145
69
28
1847
RB0505XLD
5
5
100
145
69
28
1847
RB0512XLS
5
12
41.5
130
77
33
981
RB0512XLD
5
12
41.5
130
77
33
981
RB0515XLS
5
15
33.5
126.5
79
40
667
RB0515XLD
5
15
33.5
126.5
79
40
667
RB1205XLS
12
5
100
60.5
69
36
1485
RB1205XLD
12
5
100
60.5
69
36
1485
RB1212XLS
12
12
41.5
55
76
58
869
RB1212XLD
12
12
41.5
55
76
58
869
RB1215XLS
12
15
33.5
55
76
56
613
RB1215XLD
12
15
33.5
55
76
56
613
RB1505XLS
15
5
100
46.5
69
27
2110
RB1505XLD
15
5
100
46.5
69
27
2110
RB1512XLS
15
12
41.5
42.5
77
58
1790
RB1512XLD
15
12
41.5
42.5
77
58
1790
RB1515XLS
15
15
33.5
42
78
67
1560
RB1515XLD
15
15
33.5
42
78
67
1560
RB2405XLS
24
5
100
30
70
61
1253
RB2405XLD
24
5
100
30
70
61
1253
RB2412XLS
24
12
41.5
26.5
78
98
784
RB2412XLD
24
12
41.5
26.5
78
98
784
RB2415XLS
24
15
33.5
26
80
122
566
RB2415XLD
24
15
33.5
26
80
122
566
MODEL
MODEL SELECTION
SELECTION
RB
RB
①05
05
②05
05
③X
X
④ LS(D)
LS(D)
⑤
①
Product Series
②
Input Voltage
③
Output Voltage
④
Fixed Input
⑤
Package Style
MICRODC R ESERVES THE COPYRIGHT
Isolated 0.5W Single Output DC/DC Converters
FEATURES
FEATURES
◆
RoHS compliant
◆
I/O isolation voltage 1000VDC
◆
Operating Temperature: -40℃~﹢85℃
◆
High efficiency up to 81%
◆
Fully encapsulated toroidal magnetics
◆
Internal SMD construction
◆
Power density up to 0.85W/cm3
◆
No electrolytic or tantalum capacitors
◆
5V,12Vand 15V output
◆
No heatsink required
◆
Dual output from a single input rail
◆
UL 94V-0 package material
◆
No external components required
◆
Industry standard pinout
◆
Power sharing on output
◆
MTTF up to 3.4 million hours
APPLICATIONS
APPLICATIONS
The
RB-XLS(D)
series
of
industrial
temperature range DC/DC converters are the
standard
building
blocks
for
on-board
distributed power systems.They are ideally
suited for providing single rail supplies on
primarily digital boards with the added benefit
of galvanic isolation to reduce switching noise.
Surface mount technology and advanced
packaging materials produce rugged reliable
performance over an extended temperature
range from -40°C to 85°C.
Input
Input Characteristics
Characteristics
Parameter
Conditions
Min
Typ
Max.
Units
Voltage range
Continuous operation,5V input types
4.5
5
5.5
V
Continuous operation,12V input types
10.8
12
13.2
Continuous operation,15V input types
13.5
15
16.5
Continuous operation,24V input types
21.6
24
26.4
Reflected ripple current
5V&12V input types
1.6
2.0
mA p-p
15V&24V input types
5
10.0
Absolute
Absolute Maximum
Maximum Ratings
Ratings
Lead temperature 1.5mm from case for 10 seconds
300°C
Internal power dissipation
550mW
Input voltage VIN,RB0505XLS,RB0512XLS,RB0515XLS
7V
Input voltage VIN,RB1205XLS,RB1212XLS,RB1215XLS
15V
Input voltage VIN,RB1505XLS,RB151XLS,RB1515XLS
18V
Input voltage VIN,RB2405XLS,RB2412XLS,RB2415XLS
28V
1.Calculated using MIL-HDBK-217FN2 calculation model with nominal input voltage at full load.


Số phần tương tự - RB2405XLS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
E-SWITCH
RB242C1001 E-SWITCH-RB242C1001 Datasheet
1Mb / 6P
RB 2 Series Rocker Switch
RB242C1002 E-SWITCH-RB242C1002 Datasheet
1Mb / 6P
RB 2 Series Rocker Switch
RB242C1011 E-SWITCH-RB242C1011 Datasheet
1Mb / 6P
RB 2 Series Rocker Switch
RB242C1012 E-SWITCH-RB242C1012 Datasheet
1Mb / 6P
RB 2 Series Rocker Switch
RB242C1021 E-SWITCH-RB242C1021 Datasheet
1Mb / 6P
RB 2 Series Rocker Switch
More results

Mô tả tương tự - RB2405XLS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toppower Electronic Tec...
TPD-W5 TOPPOWER-TPD-W5 Datasheet
196Kb / 3P
0.5W Isolated Twin Output DC/DC Converters
TPLE-W5 TOPPOWER-TPLE-W5 Datasheet
633Kb / 3P
0.5W 1.5KVDC Isolated Single Output DC/DC Converters
TPR-W5 TOPPOWER-TPR-W5 Datasheet
620Kb / 3P
0.5W 3KVDC Isolated Single Output DC/DC Converters
TPET-W5 TOPPOWER-TPET-W5_17 Datasheet
208Kb / 3P
0.5W 3KVDC Isolated Single Output SMD DC/DC Converters
TPV0303DA-W5 TOPPOWER-TPV0303DA-W5 Datasheet
425Kb / 3P
0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV2405DA-W5 TOPPOWER-TPV2405DA-W5 Datasheet
215Kb / 3P
0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV-W5 TOPPOWER-TPV-W5 Datasheet
477Kb / 3P
0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPR-W5 TOPPOWER-TPR-W5_19 Datasheet
699Kb / 3P
0.5W 3KVDC Isolated Single Output DC/DC Converters
TPV2-W5 TOPPOWER-TPV2-W5 Datasheet
855Kb / 3P
0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPET-W5 TOPPOWER-TPET-W5 Datasheet
420Kb / 3P
0.5W 3KVDC Isolated Single Output SMD DC/DC Converters
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com