| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS1109 bảng dữ liệu(PDF) 23 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
|
|
|||||||||||||||||||||||||||||
AS1109 bảng dữ liệu(HTML) 23 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
|
23 / 25 page ![]() www.ams.com/LED-Driver-ICs/AS1109 Revision 1.21 22 - 24 AS1109 Datasheet - Pack a ge Drawin gs and Ma r k ings Figure 27. 16-pin QFN 4x4mm Package Marking: YYWWQZZ. YY WW Q ZZ Last two digits of the current year Manufacturing Week Plant identifier Traceability code Symbol Min Nom Max A 0.70 0.75 0.80 A1 0 0.02 0.05 A3 0.20 REF L 0.45 0.55 0.65 b 0.25 0.30 0.35 D 4.00 BSC E 4.00 BSC e 0.65 BSC D2 2.00 2.15 2.25 E2 2.00 2.15 2.25 aaa - 0.15 - bbb - 0.10 - ccc - 0.10 - ddd - 0.05 - eee - 0.08 - fff - 0.10 - N16 Notes: 1. Dimensioning & tolerancing conform to ASME Y14.5M-1994. 2. All dimensions are in millimeters. Angles are in degrees. 3. Coplanarity applies to the exposed heat slug as well as the terminal. 4. Radius on terminal is optional. 5. N is the total number of terminals. AS 1109B YYWW QZZ |