| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S2S2 bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
S2S2 bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers |
|
4 / 12 page ![]() Sensitive SCRs Data Sheets http://www.littelfuse.com E5 - 4 ©2004 Littelfuse, Inc. +1 972-580-7777 Thyristor Product Catalog Specific Test Conditions di/dt — Maximum rate-of-change of on-state current; IGT = 50 mA pulse width ≥15 µsec with ≤0.1 µs rise time dv/dt — Critical rate-of-rise of forward off-state voltage I2t — RMS surge (non-repetitive) on-state current for period of 8.3 ms for fusing IDRM and IRRM — Peak off-state current at VDRM and VRRM IGT — DC gate trigger current VD = 6 V dc; RL = 100 Ω IGM — Peak gate current IH — DC holding current; initial on-state current = 20 mA IT — Maximum on-state current ITSM — Peak one-cycle forward surge current PG(AV) — Average gate power dissipation PGM — Peak gate power dissipation tgt — Gate controlled turn-on time gate pulse = 10 mA; minimum width = 15 µS with rise time ≤0.1 µs tq — Circuit commutated turn-off time VDRM and VRRM — Repetitive peak off-state forward and reverse voltage VGRM — Peak reverse gate voltage VGT — DC gate trigger voltage; VD = 6 V dc; RL = 100 Ω VTM — Peak on-state voltage General Notes • Teccor 2N5064 and 2N6565 Series devices conform to all JEDEC registered data. See specifications table on pages E5 - 2 and E5 - 3. • The case lead temperature (TC or TL) is measured as shown on dimensional outline drawings in the “Package Dimensions” section of this catalog. • All measurements (except IGT) are made with an external resistor RGK = 1 kΩ unless otherwise noted. • All measurements are made at 60 Hz with a resistive load at an ambient temperature of +25 °C unless otherwise specified. • Operating temperature (TJ) is -65 °C to +110 °C for EC Series devices, -65 °C to +125 °C for 2N Series devices, -40 °C to +125 °C for “TCR” Series, and -40 °C to +110 °C for all others. • Storage temperature range (TS) is -65 °C to +150 °C for TO-92 devices, -40 °C to +150 °C for TO-202 and Compak devices, and -40 °C to +125 °C for all others. • Lead solder temperature is a maximum of +230 °C for 10 seconds maximum ≥1/16" (1.59 mm) from case. TYPE Part Number IT VDRM & VRRM IGT IDRM & IRRM VTM Isolated Non-isolated TO-220 TO-202 TO-251 V-Pak TO-252 D-Pak (1) Amps Volts (2) (12) µAmps (20) (21) µAmps (3) (10) Volts See “Package Dimensions” section for variations. (11) IT(RMS) IT(AV) TC = 25 °C TC = 110 °C MAX MAX MIN MAX MAX MAX MAX 6A S2006LS2 S2006FS21 S2006VS2 S2006DS2 6 3.8 200 200 5 250 1.6 S4006LS2 S4006FS21 S4006VS2 S4006DS2 6 3.8 400 200 5 250 1.6 S6006LS2 S6006FS21 S6006VS2 S6006DS2 6 3.8 600 200 5 250 1.6 S2006LS3 S2006FS31 S2006VS3 S2006DS3 6 3.8 200 500 5 250 1.6 S4006LS3 S4006FS31 S4006VS3 S4006DS3 6 3.8 400 500 5 250 1.6 S6006LS3 S6006FS31 S6006VS3 S6006DS3 6 3.8 600 500 5 250 1.6 8A S2008LS2 S2008FS21 S2008VS2 S2008DS2 8 5.1 200 200 5 250 1.6 S4008LS2 S4008FS21 S4008VS2 S4008DS2 8 5.1 400 200 5 250 1.6 S6008LS2 S6008FS21 S6008VS2 S6008DS2 8 5.1 600 200 5 250 1.6 S2008LS3 S2008FS31 S2008VS3 S2008DS3 8 5.1 200 500 5 250 1.6 S4008LS3 S4008FS31 S4008VS3 S4008DS3 8 5.1 400 500 5 250 1.6 S6008LS3 S6008FS31 S6008VS3 S6008DS3 8 5.1 600 500 5 250 1.6 10 A S2010LS2 S2010FS21 S2010VS2 S2010DS2 10 6.4 200 200 5 250 1.6 S4010LS2 S4010FS21 S4010VS2 S4010DS2 10 6.4 400 200 5 250 1.6 S6010LS2 S6010FS21 S6010VS2 S6010DS2 10 6.4 600 200 5 250 1.6 S2010LS3 S2010FS31 S2010VS3 S2010DS3 10 6.4 200 500 5 250 1.6 S4010LS3 S4010FS31 S4010VS3 S4010DS3 10 6.4 400 500 5 250 1.6 S6010LS3 S6010FS31 S6010VS3 S6010DS3 10 6.4 600 500 5 250 1.6 K A G K A G A A A G K A A K G |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |