| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DR366-2-333 bảng dữ liệu(PDF) 1 Page - Datatronic Distribution, Inc. |
|
|
|||||||||||||||||||||||||||||
DR366-2-333 bảng dữ liệu(HTML) 1 Page - Datatronic Distribution, Inc. |
|
|
1 / 1 page ![]() July 15, 2009 DATATRONIC: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701 Email: ddisales@datatronics.com 499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290 All specifications are subject to change without notice. 1 2 SCHEMATIC Ø .025 0,65 .385 MAX. 9,80 .157 MIN. 4,00 .196 5,00 Ø.358 8,80 1 2 NOTES: 1.) All dimensions are in inches/mm 2.) Tolerance: .012/0.30 3.) DR366-2-222 to DR366-2-682 inductance tolerance is ±20%, DR366-2-103 to DR366-2-155 inductance tolerance is ±10% 4.) For non-RoHs parts, replace DR prefix with 42- (e.G. DR366-2-473 becomes 42-366-2-473) 5.) Terminal finish is compliant to RoHs requirements 6.) Isat is the current level when the inductance drops 20% from its initial value 7.) Irms is the current level when the part reaches a temperature rise of 25°C DR366-2 Series Radial Leaded Shielded Inductors Features Height: 9.8mm Max Inductance Range: 2.2µH – 1.5mH Non-RoHS Versions are Available (Note 4) Meets UL 94V-0 ELECTRICAL SPECIFICATIONS AT 25ºC OPERATING TEMPERATURE -20°C to +80°C Part Number Inductance (µH) @1kHz Q Min. Q Test Freq. SRF (MHz) Ref. DCR (Ω) Max. Rated Current (A) Max. I sat Rated Current (A) Max. I rms DR366-2-222 2.2 10 7.96MHz 60 0.011 5.50 4.00 DR366-2-332 3.3 10 7.96MHz 38 0.013 3.80 3.40 DR366-2-472 4.7 10 7.96MHz 30 0.017 3.70 3.00 DR366-2-682 6.8 10 7.96MHz 24 0.023 2.80 2.60 DR366-2-103 10 20 2.52MHz 19 0.031 2.50 2.20 DR366-2-153 15 20 2.52MHz 15 0.042 2.00 1.90 DR366-2-223 22 20 2.52MHz 12 0.07 1.60 1.50 DR366-2-333 33 20 2.52MHz 10 0.092 1.30 1.20 DR366-2-473 47 20 2.52MHz 8.2 0.13 1.10 1.00 DR366-2-683 68 20 2.52MHz 6.6 0.16 0.91 0.97 DR366-2-104 100 15 796kHz 5.4 0.23 0.75 0.81 DR366-2-154 150 15 796kHz 4.3 0.4 0.60 0.61 DR366-2-224 220 15 796kHz 3.5 0.53 0.50 0.53 DR366-2-334 330 15 796kHz 2.8 0.78 0.41 0.44 DR366-2-474 470 10 796kHz 2.3 1.0 0.34 0.39 DR366-2-684 680 10 796kHz 1.9 1.5 0.28 0.32 DR366-2-105 1000 20 252kHz 1.5 2.2 0.23 0.26 DR366-2-155 1500 30 252kHz 1.2 3.5 0.18 0.21 MECHANICAL OUTLINE |
Số phần tương tự - DR366-2-333 |
|
Mô tả tương tự - DR366-2-333 |