công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS5050A bảng dữ liệu(PDF) 1 Page - ams AG

tên linh kiện AS5050A
Giải thích chi tiết về linh kiện  Low Power 10-Bit Magnetic Position Sensor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSCO [ams AG]
Trang chủ  http://www.ams.com
Logo AMSCO - ams AG

AS5050A bảng dữ liệu(HTML) 1 Page - ams AG

  AS5050A Datasheet HTML 1Page - ams AG AS5050A Datasheet HTML 2Page - ams AG AS5050A Datasheet HTML 3Page - ams AG AS5050A Datasheet HTML 4Page - ams AG AS5050A Datasheet HTML 5Page - ams AG AS5050A Datasheet HTML 6Page - ams AG AS5050A Datasheet HTML 7Page - ams AG AS5050A Datasheet HTML 8Page - ams AG AS5050A Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
ams Datasheet
Page 1
[v2-03] 2014-Jul-31
Document Feedback
AS5050A
Low Power 10-Bit Magnetic Position
Sensor
The AS5050A is a single-chip on-axis magnetic rotary position
sensor with low voltage and low power features.
It includes an integrated Hall element array, a high resolution
ADC and a smart power management controller.
The angle position, alarm bits and magnetic field information
are transmitted over a 3-wire or 4-wire SPI interface to the
microcontroller.
The AS5050A is available in a compact QFN 16-pin 4x4x0.85 mm
package and specified over an operating temperature of -40ºC
to 85ºC.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of AS5050A, Low Power 10-Bit
Magnetic Position Sensor are listed below:
Figure 1:
Added Value of Using AS5050A
Benefits
Features
Precise and reliable absolute angle measurement
10-Bit absolute angle position indication
Very low power consumption
3μA current consumption in low power mode
High reliability sensing
Immune to external magnetic stray fields
Synchronization between microcontroller and sensor
Interrupt pin displays availability of new data
Ideal for small and compact designs
QFN-16 4x4 package
Industry-standard interface
3- or 4-wire SPI interface
General Description


Số phần tương tự - AS5050A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ams AG
AS5050A AMSCO-AS5050A Datasheet
465Kb / 31P
Low Power 10-Bit Magnetic Position Sensor
2014-Oct-14
AS5050A AMSCO-AS5050A_V01 Datasheet
465Kb / 31P
Low Power 10-Bit Magnetic Position Sensor
2014-Oct-14
More results

Mô tả tương tự - AS5050A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
AS5161 ETC2-AS5161 Datasheet
1Mb / 35P
12-Bit Magnetic Angle Position Sensor
AS5262 ETC2-AS5262 Datasheet
1Mb / 36P
12-Bit Magnetic Angle Position Sensor
logo
ams AG
AS5045B AMSCO-AS5045B Datasheet
393Kb / 33P
12-Bit Programmable Magnetic Position Sensor
AS5161 AMSCO-AS5161 Datasheet
1Mb / 36P
12-Bit Magnetic Angle Position Sensor
AS5162 AMSCO-AS5162 Datasheet
1Mb / 37P
12-Bit Magnetic Angle Position Sensor
AS5262 AMSCO-AS5262 Datasheet
1Mb / 37P
12-Bit Magnetic Angle Position Sensor
AS5055A AMSCO-AS5055A Datasheet
646Kb / 31P
Low Power 12-Bit Magnetic Position Sensor
AS5045 AMSCO-AS5045_V01 Datasheet
633Kb / 47P
12-Bit Programmable Magnetic Rotary Position Sensor
2017-Jul-13
AS5050A AMSCO-AS5050A_V01 Datasheet
465Kb / 31P
Low Power 10-Bit Magnetic Position Sensor
2014-Oct-14
AS5055A AMSCO-AS5055A_V01 Datasheet
464Kb / 31P
Low Power 12-Bit Magnetic Position Sensor
2014-Oct-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31