| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS3911B bảng dữ liệu(PDF) 3 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3911B bảng dữ liệu(HTML) 3 Page - ams AG |
|
3 / 155 page ![]() ams Datasheet: 2014-Jun-12 [v1-08] AS3911B – 3 General Des c ripti o n Applications The AS3911B is suitable for a wide range of applications including: • EMV Payment • Access Control • NFC Infrastructure •Ticketing Block Diagram The functional blocks of this device for reference are shown below: Figure 2: AS3911B Block Diagram POR & Bias A/D Converter XTO XTI RFO 1 RFO 2 RFI1 RFI2 VDD CSI CSO VDD_IO AS3911B Regulators XTAL Oscillator RC Oscillator A/D Converter Transmitter Phase & Amplitude Detector Receiver External Field Detector Capacitor Sensor LOGIC FIFO Control Logic SPI Interface Framing Wake-up Timer TRIMx SPI Level Shifters IRQ MCU_CLK POR & Bias |