| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLV0838CPWR bảng dữ liệu(PDF) 1 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLV0838CPWR bảng dữ liệu(HTML) 1 Page - Texas Instruments |
|
1 / 27 page ![]() TLV0834C, TLV0834I, TLV0838C, TLV0838I 3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL SLAS147B – SEPTEMBER 1996 – REVISED OCTOBER 2000 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D 8-Bit Resolution D 2.7-V to 3.6-V VCC D Easy Microprocessor Interface or Stand-Alone Operation D Operates Ratiometrically or With VCC Reference D 4- or 8-Channel Multiplexer Options With Address Logic D Input Range 0 V to VCC With VCC Reference D Remote Operation With Serial Data Link D Inputs and Outputs Are Compatible With TTL and MOS D Conversion Time of 32 µs at f(CLK) = 250 kHz D Functionally Equivalent to the ADC0834 and ADC0838 at 3-V Supply Without the Internal Zener Regulator Network D Total Unadjusted Error . . . ±1 LSB description These devices are 8-bit successive-approximation analog-to-digital converters, each with an input-configurable multichannel multiplexer and serial input/output. The serial input/output is configured to interface with standard shift registers or microprocessors. Detailed information on interfacing with most popular microprocessors is readily available from the factory. The TLV0834 (4-channel) and TLV0838 (8-channel) multiplexer is software-configured for single-ended or differential inputs as well as pseudodifferential input assignments. The differential analog voltage input allows for common-mode rejection or offset of the analog zero input voltage value. In addition, the voltage reference input can be adjusted to allow encoding of any smaller analog voltage span to the full 8 bits of resolution. The TLV0834C and TLV0838C are characterized for operation from 0 °C to 70°C. The TLV0834I and TLV0838I are characterized for operation from – 40 °C to 85°C. 1 2 3 4 5 6 7 14 13 12 11 10 9 8 NC CS CH0 CH1 CH2 CH3 DGTL GND VCC DI CLK SARS DO REF ANLG GND TLV0834 ...D OR N PACKAGE (TOP VIEW) 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 NC CS CH0 CH1 CH2 CH3 DGTL GND NC VCC DI CLK SARS DO REF ANLG GND NC NC – No internal connection TLV0834 . . . PW PACKAGE (TOP VIEW) 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 CH0 CH1 CH2 CH3 CH4 CH5 CH6 CH7 COM DGTL GND VCC NC CS DI CLK SARS DO SE REF ANLG GND TLV0838 ...PW, DW, OR N PACKAGE (TOP VIEW) AVAILABLE OPTIONS PACKAGE TA SMALL OUTLINE (D) SMALL OUTLINE (DW) PLASTIC DIP (N) TSSOP (PW) 0 °C to 70°C TLV0834CD TLV0838CDW TLV0834CN TLV0838CN TLV0834CPW TLV0838CPW –40 °C to 85°C TLV0834ID TLV0838IDW TLV0834IN TLV0838IN TLV0834IPW TLV0838IPW Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Copyright © 2000, Texas Instruments Incorporated |
Số phần tương tự - TLV0838CPWR |
|
Mô tả tương tự - TLV0838CPWR |