| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB16R-2295SW bảng dữ liệu(PDF) 2 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
MB16R-2295SW bảng dữ liệu(HTML) 2 Page - Amphenol Corporation |
|
2 / 16 page ![]() 1 This catalog covers the Amphenol ® /Matrix ® MIL-C- 26482, Series 2 Connectors. These connectors are bayonet coupling type, and they feature crimp con- tacts that are rear insertable and rear releasable. They can be ordered through Amphenol, by military or equivalent proprietary part numbers. The Matrix ® connectors covered in this catalog broaden the miniature cylindrical family offered by Amphenol, so that now users have the broadest range of product available to them. Additional miniature cylindricals are covered in the Amphenol catalog, 12- 070, which is available upon request. The 12-070 Amphenol® catalog covers a large variety of miniature cylindricals including the following: • MIL-C-26482, Series 1 - bayonet coupling connec- tors with solder contacts • MIL-C-26482, Series 1 - bayonet coupling connec- tors with front release crimp contacts • Other proprietary crimp and solder types including hermetics and connectors with printed circuit board contacts, as well as other shell styles, alternative connector finishes and additional contact options • Additional miniature cylindricals that have double stub threaded coupling rather than bayonet coupling See page 15 for more information on these additional miniature cylindrical connector products. Also, ask for these Amphenol Product Catalogs: Amphenol Industrial Connector Brochure, SL-381, for an overview of the industrial family of connec- tors. Amphenol Brochure SL-100, which provides an overview of all products, military and industrial, offered through Amphenol Aerospace. Should more information be required concerning the connectors covered in this publication, or if special application needs arise, please contact: Amphenol Corporation Amphenol Aerospace 40-60 Delaware Avenue Sidney, New York 13838-1395 Telephone 607-563-5011 Fax: 607-563-5157 Web site: www.Amphenol-Aerospace.com Visit our website for this catalog and other catalogs of Amphenol products. TABLE OF CONTENTS Amphenol ® /Matrix ® MIL-C-26482, Series 2 Connectors Introduction, Table of Contents. . . . . . . . . . . . . . . . . .1 General Description, Features and Benefits. . . . . . . .2 Class Descriptions, Performance Specifications . . . .3 Shell Styles, Dimensional Data: Wall Mounting Receptacle, Narrow Flange . . . . . .4 Wall Mounting Receptacle, Wide Flange . . . . . . . .5 Cable Connecting Receptacle,. . . . . . . . . . . . . . . .6 Jam Nut Receptacle. . . . . . . . . . . . . . . . . . . . . . . .7 Straight Plug, Straight Plug with RFI Grounding Fingers . . . . . . .8 Insert Arrangement Chart, Insert Alternate Positions . . . . . . . . . . . . . . . . . . . . . .9 Insert Arrangement Patterns. . . . . . . . . . . . . . . . 10-12 Contact Information, Sealing Plugs, Crimping and Insertion/Removal Tools. . . . . . . . . . .13 How to Order . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .14 Additional MIL-C-26482/Miniature Cylindrical Connectors offered by Amphenol . . . . . . . . . . . . . . .15 Sales Office Listing Amphenol Aerospace operates Quality Systems that are Certi- fied to ISO-9001 and AS-9100 by third party Registrars. |