| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CLP6B bảng dữ liệu(PDF) 6 Page - Marktech Corporate |
|
|
|||||||||||||||||||||||||||||
CLP6B bảng dữ liệu(HTML) 6 Page - Marktech Corporate |
|
6 / 10 page ![]() 6 CLD-CT1020.001 Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. Order Code Table* Color Kit Number Viewing Angle Luminous Intensity (mcd) Color Bin Code Min. Max. Cool White CLP6B-WKW-CB0E0153 120 7100 18000 W1,W2,W3,W4,W5 Cool White CLP6B-WKW-CC0E0233 120 9000 18000 W2,W3 Cool White CLP6B-WKW-CC0E0453 120 9000 18000 W4,W5 Cool White CLP6B-WKW-CD0E0233 120 11200 18000 W2,W3 Cool White CLP6B-WKW-CD0E0453 120 11200 18000 W4,W5 Color Kit Number Viewing Angle Luminous Intensity (mcd) Color Bin Code Min. Max. Warm White CLP6B-MKW-CB0D0133 120 7100 14000 M1,M2,M3 Warm White CLP6B-MKW-CB0D0513 120 7100 14000 W5,M1 Warm White CLP6B-MKW-CC0D0513 120 9000 14000 W5,M1 Warm White CLP6B-MKW-CB0D0233 120 7100 14000 M2,M3 Warm White CLP6B-MKW-CC0D0233 120 9000 14000 M2,M3 Notes: • The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one intensity-bin code and one color-bin code will be shipped on each reel. Single intensity-bin code and single color-bin codes will not be orderable. • Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions. • Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED product safely. |