| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NCS2200SQLT1G bảng dữ liệu(PDF) 12 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
NCS2200SQLT1G bảng dữ liệu(HTML) 12 Page - ON Semiconductor |
|
12 / 17 page ![]() NCS2200, NCS2200A, NCV2200, NCS2202A http://onsemi.com 12 ORDERING INFORMATION Device Pinout Style Output Type Package Shipping† NCS2200AMUT1G N/A Complementary UDFN (Pb−Free) 3000 / Tape & Reel NCS2200SN1T1G 1 Complementary SOT−23−5 (TSOP−5) (Pb−Free) 3000 / Tape & Reel NCV2200SN1T1G* 1 Complementary SOT−23−5 (TSOP−5) (Pb−Free) 3000 / Tape & Reel NCS2200SN2T1G 2 Complementary SOT−23−5 (TSOP−5) (Pb−Free) 3000 / Tape & Reel NCV2200SN2T1G* 2 Complementary SOT−23−5 (TSOP−5) (Pb−Free) 3000 / Tape & Reel NCS2200SQ2T2G 2 Complementary SC70−5 (Pb−Free) 3000 / Tape & Reel NCV2200SQ2T2G* 2 Complementary SC70−5 (Pb−Free) 3000 / Tape & Reel NCS2200SQLT1G N/A Complementary DFN, 2x2.2 (Pb−Free) 3000 / Tape & Reel NCS2202SN1T1G 1 Open Drain SOT−23−5 (TSOP−5) (Pb−Free) 3000 / Tape & Reel NCS2202SN2T1G 2 Open Drain SOT−23−5 (TSOP−5) (Pb−Free) 3000 / Tape & Reel NCV2202SN2T1G* 2 Open Drain SOT−23−5 (TSOP−5) (Pb−Free) 3000 / Tape & Reel NCS2202SQ1T2G 1 Open Drain SC70−5 (Pb−Free) 3000 / Tape & Reel NCS2202SQ2T2G 2 Open Drain SC70−5 (Pb−Free) 3000 / Tape & Reel NCS2202AMUTBG** N/A Open Drain UDFN (Pb−Free) 3000 / Tape & Reel This device contains 93 active transistors. †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *NCV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP Capable. **Product under development, consult sales. |