| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADCS7477AIMF bảng dữ liệu(PDF) 22 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ADCS7477AIMF bảng dữ liệu(HTML) 22 Page - Texas Instruments |
|
22 / 30 page ![]() ADCS7476, ADCS7477, ADCS7478 SNAS192F – APRIL 2003 – REVISED MARCH 2013 www.ti.com The analog input should be isolated from noisy signal lines to avoid coupling of spurious signals into the input. Any external component (e.g., a filter capacitor) connected between the converter’s input pins and ground or to the reference input pin and ground should be connected to a very clean point in the ground plane. We recommend the use of a single, uniform ground plane and the use of split power planes. The power planes should be located within the same board layer. All analog circuitry (input amplifiers, filters, reference components, etc.) should be placed over the analog power plane. All digital circuitry and I/O lines should be placed over the digital power plane. Furthermore, all components in the reference circuitry and the input signal chain that are connected to ground should be connected together with short traces and enter the analog ground plane at a single, quiet point. 22 Submit Documentation Feedback Copyright © 2003–2013, Texas Instruments Incorporated Product Folder Links: ADCS7476 ADCS7477 ADCS7478 |