| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADCS7477 bảng dữ liệu(PDF) 10 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
ADCS7477 bảng dữ liệu(HTML) 10 Page - Texas Instruments |
|
10 / 30 page ![]() ADCS7476, ADCS7477, ADCS7478 SNAS192F – APRIL 2003 – REVISED MARCH 2013 www.ti.com spectrum that is not present at the input. TOTAL HARMONIC DISTORTION (THD) is the ratio, expressed in dBc, of the rms total of the first five harmonic levels at the output to the level of the fundamental at the output. THD is calculated as where • f1 is the RMS power of the fundamental (output) frequency • f2 through f6 are the RMS power in the first 5 harmonic frequencies (1) TOTAL UNADJUSTED ERROR is the worst deviation found from the ideal transfer function. As such, it is a comprehensive specification which includes full scale error, linearity error, and offset error. Timing Diagrams Figure 3. ADCS7476 Serial Interface Timing Diagram Figure 4. ADCS7477 Serial Interface Timing Diagram 10 Submit Documentation Feedback Copyright © 2003–2013, Texas Instruments Incorporated Product Folder Links: ADCS7476 ADCS7477 ADCS7478 |