| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP211 bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP211 bảng dữ liệu(HTML) 4 Page - Texas Instruments |
|
4 / 14 page ![]() LP211, LP311 LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES SLCS003D − JUNE 1987 − REVISED SEPTEMBER 2003 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL APPLICATION CIRCUIT NOTE: If offset balancing is not used, the BALANCE and BAL/STRB pins should be shorted together. Figure 1. Offset Balancing 3 k Ω 3 k Ω VCC+ BALANCE BAL/ STRB Figure 2. Strobing 15 k Ω BAL/STRB TTL Strobe 2N2222 NOTE: Do not connect strobe pin directly to ground, because the output is turned off whenever current is pulled from the strobe pin. |