công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLV2548CPWR bảng dữ liệu(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TLV2548CPWR
Giải thích chi tiết về linh kiện  Maximum Throughput 200-KSPS Built-In Reference, Conversion Clock and 8횞 FIFO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2548CPWR bảng dữ liệu(HTML) 12 Page - Texas Instruments

Back Button TLV2548CPWR Datasheet HTML 8Page - Texas Instruments TLV2548CPWR Datasheet HTML 9Page - Texas Instruments TLV2548CPWR Datasheet HTML 10Page - Texas Instruments TLV2548CPWR Datasheet HTML 11Page - Texas Instruments TLV2548CPWR Datasheet HTML 12Page - Texas Instruments TLV2548CPWR Datasheet HTML 13Page - Texas Instruments TLV2548CPWR Datasheet HTML 14Page - Texas Instruments TLV2548CPWR Datasheet HTML 15Page - Texas Instruments TLV2548CPWR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
TLV2544, TLV2548
2.7V TO 5.5V, 12BIT, 200KSPS, 4/8CHANNEL, LOW POWER
SERIAL ANALOGTODIGITAL CONVERTERS WITH AUTOPOWERDOWN
SLAS198E − FEBRUARY 1999 − REVISED JUNE 2003
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
read cycle (read FIFO or read CFR) (continued)
FIFO read cycle
The first command in the active cycle after INT is generated, if the FIFO is used, is assumed as the FIFO read
command. The first FIFO content is output immediately before the command is decoded. If this command is
not a FIFO read, then the output is terminated but the first data in the FIFO is retained until a valid FIFO read
command is decoded. Use of more layers of the FIFO reduces the time taken to read multiple data. This is
because the read cycle does not generate EOC or INT, nor does it carry out any conversion.
SCLK
CS
FS
SDI
INT
EOC
SDO
ID15
ID14
ID13
ID12
OD7
OD5
OD0
12
3
4
5
6
713
14
15
16
12
OD11 OD10
OD9
OD6
OD8
ID15
12
OD10
OD11
ID14
These devices can perform continuous FIFO read cycles (FS = 1) controlled by SCLK; SCLK can stop between each 16 SCLKs.
Figure 4. TLV2544/TLV2548 FIFO Read Cycle (FS = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48