| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLV2544CPWR bảng dữ liệu(PDF) 11 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLV2544CPWR bảng dữ liệu(HTML) 11 Page - Texas Instruments |
|
11 / 48 page ![]() TLV2544, TLV2548 2.7V TO 5.5V, 12BIT, 200KSPS, 4/8CHANNEL, LOW POWER SERIAL ANALOGTODIGITAL CONVERTERS WITH AUTOPOWERDOWN SLAS198E − FEBRUARY 1999 − REVISED JUNE 2003 11 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 timing diagrams The timing diagrams can be categorized into two major groups: nonconversion and conversion. The nonconversion cycles are read and write (configuration). None of these cycles carry a conversion. Conversion cycles are those four modes of conversion. read cycle (read FIFO or read CFR) read CFR cycle: The read command is decoded in the first 4 clocks. SDO outputs the contents of the CFR after the 4th SCLK. This command works only when the device is programmed in the single shot mode (mode 00). SCLK CS FS SDI INT EOC SDO ID14 ID13 ID12 ID15 OD11 OD10 OD9 OD4 OD3 OD2 OD1 OD0 12 3 4 5 6 713 14 15 16 1 12 ID15 Figure 2. TLV2544/TLV2548 Read CFR Cycle (FS active) SCLK CS FS SDI INT EOC SDO ID15 ID14 ID13 ID12 ID14 OD4 OD3 OD2 OD1 OD0 12 3 4 5 6 713 14 15 16 1 12 OD11 OD10 OD9 ID15 Figure 3. TLV2544/TLV2548 Read CFR Cycle (FS = 1) |