| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
A2R bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
A2R bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 7 page ![]() Series A Process Sealed Subminiature Toggles www.nkk.com A5 A Distinctive Characteristics Subminiature size saves space on PC boards. Specifically developed for logic-level applications. Totally sealed body construction prevents contact contamination and allows time- and money-saving automated soldering and cleaning. Award-winning STC contact mechanism with benefits unavailable in conventional mechanisms: smoother, positive detent actuation, increased contact stability and unparalleled logic-level reliability. (Additional STC details in Terms & Acronyms; see Supplement contents.) Molded-in, epoxy sealed or ultrasonically welded terminals lock out flux, solvents, and other contaminants. .100” x .100” (2.54mm x 2.54mm) terminal spacing conforms to standard PC board grid spacing. Toggle option in antistatic material available for dissipating electrostatic discharges. Matching indicators available. Actual Size |