công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8028 bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS8028
Giải thích chi tiết về linh kiện  12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8028 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  ADS8028 Datasheet HTML 1Page - Texas Instruments ADS8028 Datasheet HTML 2Page - Texas Instruments ADS8028 Datasheet HTML 3Page - Texas Instruments ADS8028 Datasheet HTML 4Page - Texas Instruments ADS8028 Datasheet HTML 5Page - Texas Instruments ADS8028 Datasheet HTML 6Page - Texas Instruments ADS8028 Datasheet HTML 7Page - Texas Instruments ADS8028 Datasheet HTML 8Page - Texas Instruments ADS8028 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Buffer
Internal
Reference
Internal
Temperature
Sensor
REF
DGND
AIN0
AIN1
AIN2
AIN3
AIN4
AIN5
AIN6
AIN7
Control
Logic
and
Sequencer
SCLK
DOUT
DIN
CS
PDRST
/
TM_BUSY
ADC
SH
DVDD
AVDD
ADS8028
www.ti.com
SBAS549B – MAY 2011 – REVISED MARCH 2012
12-Bit, 1-MSPS, 8-Channel, SAR ADC
with Internal Reference and Internal Temperature Sensor
Check for Samples: ADS8028
1
FEATURES
DESCRIPTION
The ADS8028 is a 12-bit analog-to-digital converter
23
Outstanding Performance:
(ADC), capable of operating at sampling speeds up to
Throughput: Up to 1 MSPS
1 MSPS. The device is based on a successive
No Missing Codes: 12 Bits
approximation register (SAR) core and provides an
inherent sample-and-hold (SH) front-end.
INL: ±0.5 LSB
SNR: 72 dB
In addition to having eight analog input channels, the
ADS8028 offers an internal temperature sensor with
Highly Integrated:
0.25°C resolution and an internal voltage reference. A
Eight Analog Inputs
nine-channel internal multiplexer enables multiple
High-Resolution Internal Temperature
channels to be selected (including the internal
Sensor
temperature sensor) that are indefinitely scanned in a
sequential manner. A simple SPI-compatible serial
Nine-Channel Multiplexer with Channel
interface provides easy communication and control
Sequencer
between the device and host controller. The digital
Low-Drift Internal Voltage Reference
supply can operate from 1.65 V to 5.25 V, enabling
Wide Supply Range:
direct interface with a wide range of processors and
controllers.
Analog Supply (AVDD): 2.7 V to 5.25 V
At full speed of 1 MSPS, the ADS8028 dissipates
Digital Supply (DVDD): 1.65 V to 5.25 V
only 17 mW. The device offers flexible power-down
Low Power:
modes to save power when conversions are not
17 mW at 1 MSPS
being performed. The ADS8028 performance is
Flexible Power-Down Modes
specified over the extended industrial temperature
range of –40°C to +125°C.
SPI™-Compatible Serial Interface: 20 MHz
The ADS8028 is ideal for demanding measurement
Small Footprint: 4-mm × 4-mm, Thin QFN-20
applications, such as sensor output monitoring,
power-supply monitoring, and printed circuit board
APPLICATIONS
(PCB) hot-spot analysis, and is available in a small
Programmable Logic Controls (PLCs)
form-factor QFN-20 package.
Industrial Process Controls (IPCs)
Telecommunications
Power-Supply Monitoring
PCB Hot-Spot Analysis
Battery-Powered Applications
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI is a trademark of Motorola.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - ADS8028

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
12-Bit, 1-MSPS, 8-Channel, SAR ADC
ADS8028 TI2-ADS8028 Datasheet
1Mb / 36P
12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
REVISED MARCH 2012
ADS8028 TI2-ADS8028 Datasheet
1Mb / 36P
12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
REVISED MARCH 2012
ADS8028IRTJ TI2-ADS8028IRTJ Datasheet
1Mb / 36P
12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
REVISED MARCH 2012
ADS8028IRTJ TI2-ADS8028IRTJ Datasheet
1Mb / 36P
12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
REVISED MARCH 2012
More results

Mô tả tương tự - ADS8028

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7291 AD-AD7291 Datasheet
436Kb / 21P
8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Rev. PrC
AD7298 AD-AD7298 Datasheet
1Mb / 18P
8-Channel, 1MSPS, 12-Bit SAR ADC with Temperature Sensor
Rev. PrA
logo
National Semiconductor ...
ADC128D818 NSC-ADC128D818 Datasheet
775Kb / 38P
12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
logo
Analog Devices
AD7291 AD-AD7291_11 Datasheet
494Kb / 28P
8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
REV. 0
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
12-Bit, 1-MSPS, 8-Channel, SAR ADC
ADC128D818CIMT-NOPB TI-ADC128D818CIMT-NOPB Datasheet
1Mb / 40P
ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
ADC128D818 TI1-ADC128D818_14 Datasheet
1Mb / 41P
ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor Internal/External Reference, and I2C Interface
logo
Analog Devices
AD7298-1 AD-AD7298-1 Datasheet
739Kb / 24P
8-Channel, 1 MSPS, 10-Bit SAR ADC
REV. A
AD7291 AD-AD7291_16 Datasheet
509Kb / 29P
8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Rev. C
AD7298-1 AD-AD7298-1_17 Datasheet
764Kb / 25P
8-Channel, 1 MSPS, 10-Bit SAR ADC
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com